Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59K17F-102A4 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59K17F-102A4
Description  FAKRA - HF STRAIGHT JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59K17F-102A4 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59K17F-102A4 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K17F-102A4 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
FAKRA - HF STRAIGHT JACK
59K17F-102A4
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Ω *
Frequency
DC to 1 GHz
Return loss
≥ N/A
Insertion loss
≤ 0.1 x
dB
Insulation resistance
≥ 1x103
Center contact resistance
≤ 5 mΩ
Outer contact resistance
≤ 5 mΩ
Test voltage
750 V rms
Working voltage
335 V rms
Power current
≤ 1 A DC
RF-leakage
≥ 65 dB up to 1 GHz
- Limitations are possible due to the used cable type - * Interface only
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 25 N
Disengagement force
2 N
Environmental data
Temperature range
-40°C to + 105°C
Thermal shock
DIN 72594-2 clause 6.2
Temperature and humidity
DIN 72594-2 clause 6.3
Vibration and mechanical shock
DIN 72594-2 clause 6.1
Dry heat
DIN 72594-2 clause 6.4
2002/95/EC (RoHS)
compliant
- Limitations are possible due to the used cable type -
Tooling
Crimping tool
11W150-000
Crimp insert
11W15A-502
Suitable cables
Cable type
RG 179
Packing
Standard
1000 pcs in box
Weight
1.82 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Denis Oberhöller
09/06/05
Martin Zebhauser
13/10/06
c00
06-0478
Inge Mühlauer
12/10/06
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 59K17F-102A4

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K17F-1D6A4 ROSENBERGER-59K17F-1D6A4 Datasheet
92Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K17F-1D8A4 ROSENBERGER-59K17F-1D8A4 Datasheet
54Kb / 2P
   FAKRA - HF STRAIGHT JACK
More results

Similar Description - 59K17F-102A4

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K13O-1E7A4 ROSENBERGER-59K13O-1E7A4 Datasheet
105Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K16B-1E4T4 ROSENBERGER-59K16B-1E4T4 Datasheet
156Kb / 3P
   FAKRA - HF STRAIGHT JACK
59K17F-1D6A4 ROSENBERGER-59K17F-1D6A4 Datasheet
92Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K17F-1D8A4 ROSENBERGER-59K17F-1D8A4 Datasheet
54Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K16B-1M4T4 ROSENBERGER-59K16B-1M4T4 Datasheet
578Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K16B-106T4 ROSENBERGER-59K16B-106T4 Datasheet
103Kb / 3P
   FAKRA - HF STRAIGHT JACK
59K13O-106A4 ROSENBERGER-59K13O-106A4 Datasheet
603Kb / 3P
   FAKRA - HF STRAIGHT JACK
59K17H-109A4-Y ROSENBERGER-59K17H-109A4-Y Datasheet
82Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K13O-102A4 ROSENBERGER-59K13O-102A4 Datasheet
592Kb / 3P
   FAKRA - HF STRAIGHT JACK
59K28H-102A4 ROSENBERGER-59K28H-102A4 Datasheet
574Kb / 3P
   FAKRA-HF RIGHT ANGLE JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com