Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4300.683NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4300.683NLT
Description  Shielded Drum Core Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4300.683NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4300.683NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4300.683NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4300.683NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P746.A (12/14)
1
pulseelectronics.com
Shielded Drum Core Inductor
PA4300.XXXNLT & PA4301.XXXNLT Series
Pulse Jack
E l e c t r o n i c s
Height: 3.0mm Max
Footprint: 6.1 x 6.1 mm Max and 7.2 x 7.2 mm Max
Current Rating: 0.165A to 3.6A
Inductance Range: 1uH to 680uH
Electrical Specifications @ 25°C — Operating Temperature -40°C to 125°C
SMT POWER INDUCTORS
Power Beads - PA2982.XXXHL Series
Pulse Part Number
Inductance (uH)
Rated Current (A) Max
DC Resistance (m
Ω) Max
Package Size (mm)
PA4300.102NLT
1.0
3.45
15.6
6.1 x 6.1 x 3
PA4300.122NLT
1.2
3
19.2
6.1 x 6.1 x 3
PA4300.182NLT
1.8
2.7
22.1
6.1 x 6.1 x 3
PA4300.222NLT
2.2
2.3
24.7
6.1 x 6.1 x 3
PA4300.272NLT
2.7
2.26
28.6
6.1 x 6.1 x 3
PA4300.332NLT
3.3
2.23
32.5
6.1 x 6.1 x 3
PA4300.392NLT
3.9
2.05
35
6.1 x 6.1 x 3
PA4300.472NLT
4.7
1.9
39
6.1 x 6.1 x 3
PA4300.562NLT
5.6
1.76
44.2
6.1 x 6.1 x 3
PA4300.682NLT
6.8
1.63
52
6.1 x 6.1 x 3
PA4300.822NLT
8.2
1.5
58.5
6.1 x 6.1 x 3
PA4300.103NLT
10
1.3
78
6.1 x 6.1 x 3
PA4300.123NLT
12
1.2
84.5
6.1 x 6.1 x 3
PA4300.153NLT
15
1.1
114.4
6.1 x 6.1 x 3
PA4300.183NLT
18
1
119.6
6.1 x 6.1 x 3
PA4300.223NLT
22
0.89
156
6.1 x 6.1 x 3
PA4300.273NLT
27
0.8
188.5
6.1 x 6.1 x 3
PA4300.333NLT
33
0.73
206.7
6.1 x 6.1 x 3
PA4300.393NLT
39
0.69
230.75
6.1 x 6.1 x 3
PA4300.473NLT
47
0.61
260
6.1 x 6.1 x 3
PA4300.563NLT
56
0.56
338
6.1 x 6.1 x 3
PA4300.683NLT
68
0.505
364
6.1 x 6.1 x 3
PA4300.823NLT
82
0.46
416
6.1 x 6.1 x 3
PA4300.104NLT
100
0.415
572
6.1 x 6.1 x 3
PA4300.124NLT
120
0.39
676
6.1 x 6.1 x 3
PA4300.154NLT
150
0.36
875
6.1 x 6.1 x 3
PA4300.184NLT
180
0.305
1050
6.1 x 6.1 x 3
PA4300.224NLT
220
0.285
1300
6.1 x 6.1 x 3
PA4300.274NLT
270
0.255
1520
6.1 x 6.1 x 3
PA4300.334NLT
330
0.23
2210
6.1 x 6.1 x 3
PA4300.394NLT
390
0.21
2400
6.1 x 6.1 x 3
PA4300.474NLT
470
0.19
2600
6.1 x 6.1 x 3
PA4300.564NLT
560
0.175
2960
6.1 x 6.1 x 3


Similar Part No. - PA4300.683NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4300 PULSE-PA4300 Datasheet
1Mb / 3P
   POWER MAGNETICS
More results

Similar Description - PA4300.683NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
   Shielded Drum Core Inductor
PA4322 PULSE-PA4322 Datasheet
294Kb / 3P
   Shielded Drum Core Inductor
PA4303.102NLT PULSE-PA4303.102NLT Datasheet
657Kb / 3P
   Shielded Drum Core Inductor
PA4330.471NLT PULSE-PA4330.471NLT Datasheet
524Kb / 2P
   Shielded Drum Core Inductor
PA4302.102NLT PULSE-PA4302.102NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com