Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRS8190T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SBRS8190T3G
Description  Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBRS8190T3G Datasheet(HTML) 3 Page - ON Semiconductor

  SBRS8190T3G Datasheet HTML 1Page - ON Semiconductor SBRS8190T3G Datasheet HTML 2Page - ON Semiconductor SBRS8190T3G Datasheet HTML 3Page - ON Semiconductor SBRS8190T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRS1100T3G, SBRS81100T3G, MBRS190T3G, SBRS8190T3G
www.onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current*
Figure 3. Power Dissipation
Figure 4. Current Derating, Lead
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
°C
25
°C
1k
400
200
100
40
20
10
4
2
1
0.4
0.2
0.1
0.04
0.01
0.02
0
10
2030
40
50
607080
90
100
TJ = 150°C
125
°C
100
°C
VR, REVERSE VOLTAGE (VOLTS)
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TJ = 100°C
SQUARE
WAVE
DC
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
2.0
1.5
1.0
0.5
0
145
150
155
160
165
170
175
180
SQUARE
WAVE
DC
TL, LEAD TEMPERATURE (°C)
TJ = 150°C
*The curves shown are typical for the highest voltage device in the voltage
grouping. Typical reverse current for lower voltage selections can be estimated
from these curves if VR is sufficient below rated VR.
25
°C
Figure 5. Typical Capacitance
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
0.1
0.2
0.5
1
2
5
10
20
50
100
VR, REVERSE VOLTAGE (VOLTS)
NOTE: TYPICAL CAPACITANCE
NOTE: AT 0 V = 270 pF


Similar Part No. - SBRS8190T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBRS8190T3G ONSEMI-SBRS8190T3G Datasheet
132Kb / 4P
   Schottky Power Rectifier
January, 2012 ??Rev. 10
More results

Similar Description - SBRS8190T3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com