Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4341.471NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA4341.471NLT
Description  High Current Molded Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4341.471NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA4341.471NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4341.471NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4341.471NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4341.471NLT Datasheet HTML 4Page - Pulse A Technitrol Company PA4341.471NLT Datasheet HTML 5Page - Pulse A Technitrol Company PA4341.471NLT Datasheet HTML 6Page - Pulse A Technitrol Company PA4341.471NLT Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P768.D (07/16)
2
pulseelectronics.com
SMT Power Inductor
High Current Molded Power Inductor - PA4341.XXXNLT Series
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
100KHz, 1V
Rated
Current
DC
Resistance
Saturation
Current
Max.
MAX.
TYP.
uH
A
m
m
A
PA4341.222NLT
2.2
±20%
8.0
20.0
18.0
14.0
PA4341.252NLT
2.5
±20%
7.0
22.0
20.0
13.0
PA4341.332NLT
3.3
±20%
6.0
30.0
28.0
13.5
PA4341.472NLT
4.7
±20%
5.5
40.0
37.0
10.0
PA4341.562NLT
5.6
±20%
5.0
48.0
43.0
9.0
PA4341.682NLT
6.8
±20%
4.5
60.0
54.0
8.0
PA4341.822NLT
8.2
±20%
4.0
68.0
64.0
7.5
PA4341.103NLT
10.0
±20%
3.5
85.0
75.0
6.0
PA4341.123NLT
12.0
±20%
3.3
93.0
81.0
5.5
PA4341.223NLT
22.0
±20%
2.0
190.0
165.0
35
PA4341.473NLT
47.0
±20%
1.75
363.0
302.0
2.0
1. Actual temperature of the component during system operation (ambient plus tempera-
ture rise) must be within the standard operating range.
2. The saturation current is the current at which the initial inductance drops approximately
30% at the stated ambient temperature. This current is determined by placing the com-
ponent in the specified ambient environment and applying a short duration pulse cur-
rent (to eliminate self-heating effect) to the component.
3. The rated current is the DC current required to raise the component temperature by
approximately 40�C. Take note that the components’ performanc varies depending on the
system condition. It is suggested that the component be tested at the system level, to
verify the temperature rise of the component during system operation.
4. The part temperature (ambient+temp rise) should not exceed 125�C under worst case
operating conditions. Circuit design, PCB trace size and thickness, airflow and other cool-
ing provisions all affect the part temperature. Part temperature should be verified in the
end application.
Notes:
PA4341.XXXNLT
Mechanical
Final Layout
SUGGESTED PAD LAYOUT


Similar Part No. - PA4341.471NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4341.471NLT PULSE-PA4341.471NLT Datasheet
448Kb / 8P
   SMT Power Inductor
PA4341.471NLT PULSE-PA4341.471NLT Datasheet
3Mb / 6P
   SMT Power Inductor
More results

Similar Description - PA4341.471NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5401 PULSE-PA5401 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
logo
ETAL Group
P7637 ETAL-P7637 Datasheet
317Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT Datasheet
247Kb / 5P
   High Current Molded Power Inductor
PA5405 PULSE-PA5405 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA4344.102NLT PULSE-PA4344.102NLT Datasheet
269Kb / 5P
   High Current Molded Power Inductor
PA5400 PULSE-PA5400 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA5404 PULSE-PA5404 Datasheet
2Mb / 5P
   High Current Molded Power Inductor
logo
ETAL Group
P7631 ETAL-P7631 Datasheet
434Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7638 ETAL-P7638 Datasheet
289Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7641 ETAL-P7641 Datasheet
502Kb / 4P
   HIGH CURRENT MOLDED POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com