Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEEL16CV8 Datasheet(PDF) 4 Page - Anachip Corp

Part No. PEEL16CV8
Description  CMOS Programmable Electrically Erasable Logic Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL16CV8 Datasheet(HTML) 4 Page - Anachip Corp

  PEEL16CV8 Datasheet HTML 1Page - Anachip Corp PEEL16CV8 Datasheet HTML 2Page - Anachip Corp PEEL16CV8 Datasheet HTML 3Page - Anachip Corp PEEL16CV8 Datasheet HTML 4Page - Anachip Corp PEEL16CV8 Datasheet HTML 5Page - Anachip Corp PEEL16CV8 Datasheet HTML 6Page - Anachip Corp PEEL16CV8 Datasheet HTML 7Page - Anachip Corp PEEL16CV8 Datasheet HTML 8Page - Anachip Corp PEEL16CV8 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
4/11
Complex Mode
In Complex mode, seven product terms feed the OR array which can
generate a purely combinatorial function for the output pin. The pro-
grammable output polarity selector provides active-high or active-low
logic, eliminating the need for external inverters. The output buffer is
controlled by the eighth product term, allowing the macrocell to be con-
figured for input, output, or bidirectional functions. Feedback into the
array for input or bidirectional functions is available on all pins except 12
and 19. Figure 4 shows the possible complex mode macrocell configura-
tions.
1 Registered Mode
Active Low Registered Output
OE PIN
D
Q
Q
CLK PIN
3 Registered Mode
Active Low Combinatorial Output
PRODUCT TERM
2 Registered Mode
Active High Registered Output
OE PIN
D
Q
Q
CLK PIN
4 Registered Mode
Active High Combinatorial Output
PRODUCT TERM
1 Complex Mode
Active Low Output
PRODUCT TERM
2 Complex Mode
Active High Output
PRODUCT TERM
Figure 5 - Macrocell Configurations for the Registered Mode of the
PEELTM 16CV8 (see Figure 8 for logic Array)
Figure 4 - Macrocell Configurations for the Complex Mode of the
PEELTM 16CV8 (see Figure 7 for Logic Array)
Registered Mode
Registered mode provides eight product terms to the OR array for regis-
tered functions. The programmable output polarity selector provides
active-high or active-low logic, eliminating the need for external invert-
ers. (Note, however, that if register is selected, the PEELTM 16CV8 reg-
gisters power-up reset and so before the first clock arrives the output at
the pin will be low if the user has selected active-high logic and high if the
user has selected active-low logic. If combinatorial is selected, the output
will be a function of the logic.) For registered functions, the output buffer
enable is controlled directly from the /OE control pin. Feedback into the
array comes from the macrocell register. In Registered mode, input pins
1 and 11 are permanently allocated as CLK and /OE, respec- tively. Figure
8 shows the logic array of the PEELTM 16CV8 configured in Registered
mode.
Registered mode also provides the option of configuring a macrocell for
combinatorial operation, with seven product terms feeding the OR func-
tion.
Again the programmable output polarity selector provides active-high or
active-low logic. The output buffer enable is controlled by the eighth
product term, allowing the macrocell to be configured for input, output, or
bidirectional functions. Feedback into the array for input or bidirectional
functions is available on all I/O pins. Macrocell Configurations for the
Registered Mode of the PEELTM 16CV8
Design Security
The PEELTM 16CV8 provides a special EEPROM security bit that pre-
vents unauthorized reading or copying of designs programmed into the
device. The security bit is set by the PLD programmer, either at the con-
clusion of the programming cycle or as a separate step, after the device
has been programmed. Once the security bit has been set it is impossi-
ble to verify (read) or program the PEELTM until the entire device has first
been erased with the bulk-erase function.
Signature Word
The signature word feature allows a 64-bit code to be programmed into
the PEELTM 16CV8. The code cannot be read back after the security bit
has been set. The signature word can be used to identify the pattern
programmed into the device or to record the design revision, etc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn