Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS22T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS22T3G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS22T3G Datasheet(HTML) 1 Page - ON Semiconductor

  SS22T3G_15 Datasheet HTML 1Page - ON Semiconductor SS22T3G_15 Datasheet HTML 2Page - ON Semiconductor SS22T3G_15 Datasheet HTML 3Page - ON Semiconductor SS22T3G_15 Datasheet HTML 4Page - ON Semiconductor SS22T3G_15 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2015 − Rev. 5
1
Publication Order Number:
SS24/D
SS22T3G, SS24T3G,
NRVBSS24T3G
Surface Mount
Schottky Power Rectifier
SMB Power Surface Mount Package
These devices employ the Schottky Barrier principle in a
metal−to−silicon power rectifier. Features epitaxial construction with
oxide passivation and metal overlay contact. Ideally suited for low
voltage, high frequency switching power supplies; free wheeling
diodes and polarity protection diodes.
Features
Compact Package with J−Bend Leads Ideal for Automated Handling
Highly Stable Oxide Passivated Junction
Guardring for Over−Voltage Protection
Low Forward Voltage Drop
NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Mechanical Characteristics
Case: Molded Epoxy
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight: 95 mg (approximately)
Cathode Polarity Band
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Available in 12 mm Tape, 2500 Units per 13 in Reel, Add “T3”
Suffix to Part Number
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
ESD Ratings: Machine Model = C
ESD Ratings: Human Body Model = 3B
SMB
CASE 403A
SCHOTTKY BARRIER
RECTIFIER
2 AMPERES
20, 40 VOLTS
www.onsemi.com
SS2x
= Specific Device Code
x
= 2 or 4
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
AYWW
SS2x
G
G
Device
Package
Shipping
ORDERING INFORMATION
MARKING DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SS24T3G
SMB
(Pb−Free)
2500 / Tape & Reel
SS22T3G
SMB
(Pb−Free)
2500 / Tape & Reel
(Note: Microdot may be in either location)
NRVBSS24T3G
SMB
(Pb−Free)
2500 / Tape & Reel


Similar Part No. - SS22T3G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS22T3G ONSEMI-SS22T3G_V01 Datasheet
201Kb / 6P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
March, 2020 - Rev. 8
More results

Similar Description - SS22T3G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com