Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCU10000 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # TCU10000
Description  MODEL TCU - TEMPERATURE CONTROL UNIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

TCU10000 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  TCU10000 Datasheet HTML 1Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 2Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 3Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 4Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 5Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 6Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 7Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 8Page - Red Lion Controls. Inc TCU10000 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
DSP
PAR
%PW
DEV
MAN
OP1
AL1
AL2
3.60
(91.4)
1.75
(44.4)
(96.5)
3.80
(49.5)
1.95
(137.4)
5.41
(134.4)
5.29
(10.2)
.40
+.6
-.0
+.02
-.00
(45.0 )
1.77
+.03
-.0
+.8
-.00
3.62
(92.0 )
100 msec SAMPLING PERIOD WITH 0.15% ACCURACY
ON DEMAND AUTO-TUNING OF PID CONTROL SETTINGS
DUAL LED DISPLAYS FOR SIMULTANEOUS INDICATION OF
TEMPERATURE AND SETPOINT, SECOND ANALOG INPUT OR
HEATER CURRENT
ACCEPTS 10 DIFFERENT TYPES OF SENSOR INPUTS
(Thermocouple or RTD)
SELF-DIAGNOSTICS
FULL PID CONTROL WITH REDUCED OVERSHOOT
OPTIONAL RS485 SERIAL COMMUNICATIONS INTERFACE
OPTIONAL DUAL ALARM OUTPUTS (USES OUTPUT MODULES)
OPTIONAL COOLING OUTPUT (USES OUTPUT MODULE)
OPTIONAL LINEAR 4 to 20 mA or 0 to 10 VDC OUTPUT FOR
CONTROL OR TEMPERATURE RE-TRANSMISSION
OPTIONAL HEATER CURRENT MONITOR AND BREAK ALARM
OPTIONAL MOTORIZED VALVE POSITION CONTROL AND
VALVE FAIL ALARM
OPTIONAL SECOND ANALOG INPUT FOR REMOTE SETPOINT
AND CASCADE CONTROL
OPTIONAL TYPE 4X/IP65 SEALED FRONT BEZEL
STATUS INDICATORS FOR OUTPUTS AND CONTROL MODES
PROGRAMMABLE USER INPUT (DIGITAL) FOR ADDED
FLEXIBILITY
SENSOR ERROR COMPENSATION (Slope and Offset) AND
BREAK DETECTION
MANUAL/AUTOMATIC AND LOCAL/REMOTE SETPOINT
CONTROL MODES
SETPOINT RAMPING FOR PROCESS STARTUP
PARAMETER SECURITY VIA PROGRAMMABLE LOCKOUTS
FIELD REPLACEABLE AND INTERCHANGEABLE OUTPUT
MODULES (Relay, Logic/SSR Drive and Triac)
DESCRIPTION
The TCU Controller accepts signals from a variety of temperature sensors
(thermocouple or RTD elements), precisely displays the process temperature,
and provides an accurate output control signal (time proportional or linear) to
maintain a process at the desired control point. A comprehensive set of easy to
use steps allows the controller to solve various application requirements.
The controller can operate in the PID control mode for both heating and
cooling, with on-demand auto-tune, which will establish the tuning constants.
The PID tuning constants may be fine-tuned by the operator at any time and then
locked out from further modification. The controller employs a unique overshoot
suppression feature, which allows the quickest response without excessive
overshoot. The unit can be transferred to operate in the manual mode, providing
the operator with direct control of the output. The controller may also be
programmed to operate in the ON/OFF control mode with adjustable hysteresis.
Dual 4-digit displays allow viewing of the process temperature and setpoint
simultaneously. Front panel indicators inform the operator of the controller and
output status. Replaceable and interchangeable output modules (relay, SSR
drive, or triac) can be installed for the main control output, alarm output(s) and
cooling output.
Optional dual alarms can be configured to activate according to a variety of
actions (Absolute HI or LO, Deviation HI or LO, Band IN or OUT, Heater
Break and Valve Fail Detect) with adjustable hysteresis. A standby feature
suppresses the output during power-up until the temperature stabilizes outside
the alarm region. An optional secondary output is available (for processes that
require cooling) which provides increased control accuracy and response.
MODEL TCU - TEMPERATURE CONTROL UNIT
DIMENSIONS In inches (mm) Note: Recommended minimum clearance (behind the panel) for mounting clip installation is 5.5" (140) H x 2.1" (53.4) W.
Bulletin No. TCU-H
Drawing No. LP0314
Released 08/13
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
1
C
US LISTED
UL
R
51EB
IND. CONT. EQ.
PANEL CUT-OUT


Similar Part No. - TCU10000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TCU10000 REDLION-TCU10000 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
More results

Similar Description - TCU10000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TCU10000 REDLION-TCU10000 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00002 REDLION-TCU00002 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00001 REDLION-TCU00001 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
logo
DISCO Corporation
DTU162 DISCO-DTU162 Datasheet
207Kb / 1P
   Water Temperature Control Unit
DTU152 DISCO-DTU152 Datasheet
122Kb / 2P
   Water Temperature Control Unit
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
   control unit
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
   Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
   Interrupt Control Unit
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
   VIIC CONTROL UNIT
logo
Pepperl+Fuchs Inc.
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com