Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T4832210 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # T4832210
Description  MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

T4832210 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  T4832210 Datasheet HTML 1Page - Red Lion Controls. Inc T4832210 Datasheet HTML 2Page - Red Lion Controls. Inc T4832210 Datasheet HTML 3Page - Red Lion Controls. Inc T4832210 Datasheet HTML 4Page - Red Lion Controls. Inc T4832210 Datasheet HTML 5Page - Red Lion Controls. Inc T4832210 Datasheet HTML 6Page - Red Lion Controls. Inc T4832210 Datasheet HTML 7Page - Red Lion Controls. Inc T4832210 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
D
P
A2
A1
O1
MN
DV
%P
13
14
12
11
10
9
8
7
6
5
4
3
2
1
(49.5)
(49.5)
1.95
1.95
4.17 (105.9)
0.37
(9.4)
(44.7)
1.76
1.76 (44.7)
1.772
(45
)
1.772
(45
)
+0.024
-0.000
+0.6
-0.0
+0.024
-0.000
+0.6
-0.0
PID CONTROL WITH REDUCED OVERSHOOT
ON DEMAND AUTO-TUNING OF PID CONTROL SETTINGS
NEMA 4X/IP65 BEZEL
DUAL LED DISPLAYS FOR SIMULTANEOUS INDICATION OF
TEMPERATURE AND SETPOINT
STATUS INDICATORS FOR OUTPUTS AND CONTROL MODES
ACCEPTS 10 TYPES OF SENSOR INPUTS (Thermocouple or RTD)
OPTIONAL HEATER CURRENT MONITOR AND HEATER BREAK
ALARM
OPTIONAL DUAL ALARM OUTPUTS
OPTIONAL TWO LINEAR DC OUTPUTS (0 to 10 V, 0/4 to 20 mA)
MANUAL/AUTOMATIC CONTROL MODES
SETPOINT RAMPING FOR PROCESS STARTUP
PROGRAMMABLE USER INPUT (Digital) FOR ADDED FLEXIBILITY
SENSOR ERROR COMPENSATION (Offset) AND BREAK
DETECTION
HEATING AND OPTIONAL COOLING OUTPUTS
PARAMETER SECURITY VIA PROGRAMMABLE LOCKOUTS
FIELD REPLACEABLE OUTPUT BOARD
(Relay or Logic/SSR Drive)
OPTIONAL TRIAC OUTPUT
SECOND SETPOINT SETTING
OPTIONAL REMOTE SETPOINT INPUT (0/4 to 20 mA)
OPTIONAL RS485 SERIAL COMMUNICATIONS
PC SOFTWARE AVAILABLE FOR CONTROLLER CONFIGURATION
DESCRIPTION
The T48 Controller accepts signals from a variety of temperature sensors
(thermocouple or RTD elements), precisely displays the process temperature,
and provides an accurate output control signal (time proportional or linear DC)
to maintain the process at the desired temperature. The controller’s
comprehensive yet simple programming allows it to meet a wide variety of
application requirements.
The controller operates in the PID control mode for both heating and cooling,
with on-demand auto-tune, which will establish the tuning constants. The PID
tuning constants may be fine-tuned by the operator at any time and then locked
out from further modification. The controller employs a unique overshoot
suppression feature, which allows the quickest response without excessive
overshoot. The unit can be transferred to operate in the manual mode, providing
the operator with direct control of the output. The controller may also be
programmed to operate in the ON/OFF control mode with adjustable hysteresis.
A second setpoint is available on select models to allow quick selection of a
different setpoint setting.
Dual 4-digit displays allow viewing of the process temperature and setpoint
simultaneously. Front panel indicators inform the operator of the controller and
output status. On many models the main control output and the alarm outputs
are field replaceable.
Optional alarm(s) can be configured to activate according to a variety of actions
(Absolute HI or LO, Deviation HI or LO, Band IN or OUT, and Heater Current
Break) with adjustable hysteresis. A standby feature suppresses the alarm during
power-up until the temperature stabilizes outside the alarm region. The second
alarm can be configured as a secondary PID output (heat/cool applications).
Optional Main Linear DC output (10 V or 20 mA) can be used for control or
temperature re-transmission purposes. Programmable output update time
reduces valve or actuator activity. The output range can be scaled independent
of the input range.
Optional Second Linear DC output (10 V or 20 mA) provides an independent
temperature re-transmission, while the main Linear DC output is being used for
control. The output range can be scaled independent of the input range.
Optional Heater Current Monitor provides a direct readout of process heater
current. An alarm can be programmed to signal when the heater has failed. This
provides early warning of system failure before product quality is affected.
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
DIMENSIONS In inches (mm)
PANEL CUT-OUT
CAUTION: Risk of Danger.
Read complete instructions prior to
installation and operation of the unit.
CAUTION: Risk of electric shock.
Bulletin No. T48-H
Drawing No. LP0332
Released 08/13
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
UL Recognized Component,
File # E156876


Similar Part No. - T4832210

ManufacturerPart #DatasheetDescription
logo
ITT Industries
T4839 ITT-T4839 Datasheet
3Mb / 35P
   1.0/2.3 RF Connector Series
More results

Similar Description - T4832210

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
   1/16 DIN Process Controller
48PH EXTECH-48PH Datasheet
185Kb / 1P
   pH Controller 1/16 DIN
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
FOTEK CONTROLS CO., LTD...
H5-AN-PT-R4-S FOTEK-H5-AN-PT-R4-S Datasheet
1Mb / 3P
   DIN 48X48 Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com