Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T4811114 Datasheet(PDF) 8 Page - Red Lion Controls. Inc

Part # T4811114
Description  MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

T4811114 Datasheet(HTML) 8 Page - Red Lion Controls. Inc

  T4811114 Datasheet HTML 1Page - Red Lion Controls. Inc T4811114 Datasheet HTML 2Page - Red Lion Controls. Inc T4811114 Datasheet HTML 3Page - Red Lion Controls. Inc T4811114 Datasheet HTML 4Page - Red Lion Controls. Inc T4811114 Datasheet HTML 5Page - Red Lion Controls. Inc T4811114 Datasheet HTML 6Page - Red Lion Controls. Inc T4811114 Datasheet HTML 7Page - Red Lion Controls. Inc T4811114 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MODELS WITH RS485 OR LINEAR DC ANALOG OUTPUT
ORDERING INFORMATION
Options and Output Boards are factory configured per the part number specified. Part numbers without
replacement output boards listed must be returned to the factory for output board replacement.
MODELS WITHOUT RS485 AND LINEAR DC ANALOG OUTPUT
NA
RBD48211
RBD48211
RBD48211
RBD48211
RBD48200
RBD48111
RBD48111
RBD48111
RBD48111
RBD48100
REPLACEMENT
OUTPUT
BOARD
Logic/SSR
T4832200
T4832210
Logic/SSR
Triac
Relay
T4821104
T4821114
YES
Relay
Logic/SSR
Relay
T4821103
T4821113
YES
Relay
Logic/SSR
Relay
T4821100
T4821110
Relay
Logic/SSR
Relay
T4821000
NA
Logic/SSR
T4820000
T4820010
Logic/SSR
Relay
T4811104
T4811114
YES
Relay
Relay
Relay
T4811103
T4811113
YES
Relay
Relay
Relay
T4811100
T4811110
Relay
Relay
Relay
T4811000
NA
Relay
T4810000
T4810010
Relay
PART NUMBERS
85 TO 250 VAC
18-36 VDC/24 VAC
DEDICATED
ALARM 1
A1 OUTPUT
* - This output is programmable as either Control (PID) or as an Alarm.
@ - These part numbers are equipped with a second setpoint.
T4821102
T4821112
T4820209
T4820219
T4820208
T4820218
T4820206
T4820216
T4820205
T4820215
T4820201
T4820211
T4811102
T4811112
T4810109
T4810119
T4810108
T4810118
T4810107
T4810117
T4810106
T4810116
T481010A
T481011A
T4810105
T4810115
T4810101
T4810111
T4810002
NA
PART NUMBERS
85 TO 250 VAC
18-36 VDC/24 VAC
Relay
YES
Relay
Logic/SSR
Logic/SSR
YES
YES
Logic/SSR
Logic/SSR
YES
YES
Logic/SSR
Logic/SSR
YES
Logic/SSR
YES
Logic/SSR
YES
Logic/SSR
YES
Logic/SSR
YES
Logic/SSR
Relay
YES 2
Relay
Relay
Relay
YES
YES
Relay
Relay
YES
YES
Relay
Relay
YES
Relay
YES
Relay
YES
Relay
YES
Relay
YES
YES
Relay
Relay
YES
Relay
YES
Relay
YES
Relay
YES 1
Relay
SECOND
ANALOG
OUTPUT** @
HEATER
CURRENT
INPUT @
DEDICATED
MAIN CONTROL
O1 OUTPUT
DEDICATED
ALARM 1
A1 OUTPUT
RS485
@
* - This output is programmable as either Control (PID) or as an Alarm.
** - This output is jumper and program selectable for either a current or voltage Linear DC output.
@ - These part numbers are equipped with a second setpoint.
1 - Replacement Output Board RBD48100 may be used.
2 - Replacement Output Board RBD48111 may be used.
DESCRIPTION
PART NUMBERS
RLY
Three Phase DIN Rail Mount SSR
Single Phase 40 A DIN Rail Mount SSR
Single Phase 25 A DIN Rail Mount SSR
External SSR Power Unit (for Logic/SSR output models)
RLY70000
RLY6A000
RLY60000
RLY50000
CT
40 Ampere Current Transformer (for Heater Current Input models)
CT004001
50 Ampere Current Transformer (for Heater Current Input models)
CT005001
ICM5
ICM4
SFCRM
ICM40030
SFCRM
Three way isolated RS232/RS485 Serial Converter
RS232/RS485 Serial Converter Module
ACCESSORIES
REMOTE
SETPOINT
INPUT @
DEDICATED
MAIN CONTROL
01 OUTPUT
REMOTE
SETPOINT
INPUT @
HEATER
CURRENT
INPUT @
(ALARM 2)
A2 OR 02
(COOL)*
(ALARM 2)
A2 OR O2
(COOL)
*
MAIN CONTROL
O1 OR A1
(ALARM 1)
*
MAIN
ANALOG
OUTPUT** @
Option Boards are installed at the factory for the appropriate models. These boards are only needed for field replacement.
Crimson 2 PC Configuration Software for Windows 98, ME, 2000 and XP (for RS485 models)
ICM50000
* Crimson software is available for download from http://www.redlion.net
MODEL NO.
Red Lion Controls
Headquarters
20 Willow Springs Circle
York PA 17406
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
Red Lion Controls
China
Unit 302, XinAn Plaza
Building 13, No.99 Tianzhou Road
ShangHai, P.R. China 200223
Tel +86 21 6113 3688
Fax +86 21 6113 3683
Red Lion Controls
Europe
Softwareweg 9
NL - 3821 BN Amersfoort
Tel +31 (0) 334 723 225
Fax +31 (0) 334 893 793
Red Lion Controls
India
201-B, 2nd Floor, Park Centra
Opp 32 Mile Stone, Sector-30
Gurgaon-122002 Haryana, India
Tel +91 984 487 0503


Similar Part No. - T4811114

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
More results

Similar Description - T4811114

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4820000 REDLION-T4820000 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
   1/16 DIN Process Controller
48PH EXTECH-48PH Datasheet
185Kb / 1P
   pH Controller 1/16 DIN
logo
Red Lion Controls. Inc
TSC11001 REDLION-TSC11001 Datasheet
1Mb / 8P
   MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
logo
FOTEK CONTROLS CO., LTD...
H5-AN-PT-R4-S FOTEK-H5-AN-PT-R4-S Datasheet
1Mb / 3P
   DIN 48X48 Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com