Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXU31AE0 Datasheet(PDF) 7 Page - Red Lion Controls. Inc

Part # PXU31AE0
Description  MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PXU31AE0 Datasheet(HTML) 7 Page - Red Lion Controls. Inc

Back Button PXU31AE0 Datasheet HTML 3Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 4Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 5Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 6Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 7Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 8Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 9Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 10Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 11Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
77
3.0 Wiring The COnTrOller
WIRING CONNECTIONS
All wiring connections are made to the rear screw terminals.
When wiring the controller, use the numbers on the label and
those embossed on the back of the case, to identify the position
number with the proper function.
All conductors should meet voltage and current ratings for
each terminal. Also, cabling should conform to appropriate
standards of good installation, local codes and regulations. It is
recommended that power (AC or DC) supplied to the controller
be protected by a fuse or circuit breaker. Strip the wire, leaving
approximately 1/4" (6 mm) bare wire exposed (stranded wires
should be tinned with solder). Insert the wire under the clamping
washer and tighten the screw until the wire is clamped tightly.
1
L
50/60 Hz
5VA
AC 100-240V
N 2
13
14
User1
8
7
+
-
15
9
3
User 2
410
16
AL1
AL2
OP 2 / AL 3
+
-
11
17
5
12
18
6
RTD
OP 1RS-485
D
D
-
+
+
IN
Tc
+
--
+
-
-
+
AC 100~240V
50/60 Hz
5VA
1
~
13
2 14
3 15
4 16
5 17
618
7 19
8 20
921
10 22
11 23
12 24
IN Tc
NO
D-
L
N
NO
D+
RS-485
NO
NO
NC
AL 1
AL 2
OP 1
User 2
User 1
OP 2/ AL 3
+
++
+
+
+
-
-
-
-
-
-
1/16 DIN
1/8 or 1/4 DIN
CONTROLLER POWER CONNECTIONS
For best results, the power should be relatively “clean” and within
the specified limits. Drawing power from heavily loaded circuits or
from circuits that also power loads that cycle on and off should be
avoided. It is recommended that power supplied to the controller be
protected by a fuse or circuit breaker.
2
1
L
N
AC 100-240V
50/60 Hz
5VA
INPUT CONNECTIONS
For two wire RTDs, install a copper sense lead of the same gauge and length
as the RTD leads. Attach one end of the wire at the probe and the other end to
input common terminal. This is the preferred method as it provides complete
lead wire compensation. If a sense wire is not used, then use a jumper. A
temperature offset error will exist. The error may be compensated by
programming a temperature offset.
12
11
10
TC-
TC+
12
11
DC+ VOLTAGE/CURRENT
DC- VOLTAGE/CURRENT
12
11
CONTROL AND ALARM OUTPUT CONNECTIONS
VAC
RTD and Resistance
Thermocouple and Millivolt
Voltage and Current
LOAD
AC/DC
Power (-)
LOAD
COMM
NO
NO
AC/DC
Power (+)
AL 2
AL 1
AC/DC
Power
LOAD
COMM (-)
NO (+)
AC Power
SSR
COMM (-)
NO (+)
POWER
UNIT
+
-
AC
AC
Alarm 1 and 2 * (1/16 DIN Shown)
OP1/OP2 Output Control Relay *
OP1 Output Control Logic/SSR *
USER INPUT CONNECTIONS *
User 1
+
User 2
+
-
-
* See unit label for terminal identification.
RS 485 CONNECTIONS *
D+
D-
RS485
RECEIVING
DEVICE
+
-
RS-485
0 V
DC 24V
2
1
+
_
VDC
ANALOG INPUT
CONTROL
DEVICE
COMM (-)
NO (+)
IN +
IN -
OP1 Output Control Analog *


Similar Part No. - PXU31AE0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU31AE0 REDLION-PXU31AE0 Datasheet
564Kb / 3P
   PXU PID Controller
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
More results

Similar Description - PXU31AE0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU31A50 REDLION-PXU31A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU20030 REDLION-PXU20030 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU209B0 REDLION-PXU209B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU300B0 REDLION-PXU300B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11A50 REDLION-PXU11A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU100B0 REDLION-PXU100B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Red Lion Controls. Inc
T1621100 REDLION-T1621100 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com