Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXU31AE0 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # PXU31AE0
Description  PXU PID Controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PXU31AE0 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  PXU31AE0 Datasheet HTML 1Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 2Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PXU PID Controller Specifications
PART NUMBER
DIN SIZE
MAIN CONTROL
SECONDARY CONTROL
RS485 COMMS
USER INPUTS
POWER
PXU30020
1/16 DIN
4 to 20 mA
-
-
-
AC
PXU300B0
1/16 DIN
4 to 20 mA
-
-
-
DC
PXU31A20
1/16 DIN
4 to 20 mA
Relay
Yes
Yes
AC
PXU31AB0
1/16 DIN
4 to 20 mA
Relay
Yes
Yes
DC
PXU11A20
1/16 DIN
Dual Relay Output
Relay
Yes
Yes
AC
PXU11AB0
1/16 DIN
Dual Relay Output
Relay
Yes
Yes
DC
PXU40020
1/16 DIN
Linear Voltage
-
-
-
AC
PXU400B0
1/16 DIN
Linear Voltage
-
-
-
DC
PXU41A20
1/16 DIN
Linear Voltage
Relay
Yes
Yes
AC
PXU41AB0
1/16 DIN
Linear Voltage
Relay
Yes
Yes
DC
PXU21A20
1/16 DIN
Logic/Relay
Relay
Yes
Yes
AC
PXU21AB0
1/16 DIN
Logic/Relay
Relay
Yes
Yes
DC
PXU10020
1/16 DIN
Relay Output
-
-
-
AC
PXU100B0
1/16 DIN
Relay Output
-
-
-
DC
PXU20020
1/16 DIN
Solid State Output
-
-
-
AC
PXU200B0
1/16 DIN
Solid State Output
-
-
-
DC
PXU31A30
1/8 DIN
4 to 20 mA
Relay
Yes
Yes
AC
PXU31AC0
1/8 DIN
4 to 20 mA
Relay
Yes
Yes
DC
PXU11A30
1/8 DIN
Dual Relay Output
Relay
Yes
Yes
AC
PXU11AC0
1/8 DIN
Dual Relay Output
Relay
Yes
Yes
DC
PXU40030
1/8 DIN
Linear Voltage
-
-
-
AC
PXU400C0
1/8 DIN
Linear Voltage
-
-
-
DC
PXU21A30
1/8 DIN
Logic/Relay
Relay
Yes
Yes
AC
PXU21AC0
1/8 DIN
Logic/Relay
Relay
Yes
Yes
DC
PXU10030
1/8 DIN
Relay Output
-
-
-
AC
PXU100C0
1/8 DIN
Relay Output
-
-
-
DC
PXU200C0
1/8 DIN
Solid State Output
-
-
-
AC
PXU20030
1/8 DIN
Solid State Output
-
-
-
AC
PXU31A50
1/4 DIN
4 to 20 mA
Relay
Yes
Yes
AC
PXU31AE0
1/4 DIN
4 to 20 mA
Relay
Yes
Yes
DC
PXU11A50
1/4 DIN
Dual Relay Output
Relay
Yes
Yes
AC
PXU11AE0
1/4 DIN
Dual Relay Output
Relay
Yes
Yes
DC
PXU41A50
1/4 DIN
Linear Voltage
Relay
Yes
Yes
AC
PXU41AE0
1/4 DIN
Linear Voltage
Relay
Yes
Yes
DC
ORDERING GUIDE
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0381 071116 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.


Similar Part No. - PXU31AE0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
More results

Similar Description - PXU31AE0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU10030 REDLION-PXU10030 Datasheet
564Kb / 3P
   PXU PID Controller
logo
SELEC Controls Pvt. Ltd
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
PID528 SELEC-PID528 Datasheet
728Kb / 2P
   Basic PID Temperature Controller
logo
Red Lion Controls. Inc
PAX2C REDLION-PAX2C Datasheet
593Kb / 2P
   Dual-Line PID Controller
logo
FOTEK CONTROLS CO., LTD...
MT-4896-R-RS-MA FOTEK-MT-4896-R-RS-MA Datasheet
1Mb / 8P
   PIDFuzzy Temperature Controller
logo
M-System Co.,Ltd.
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200W MSYSTEM-SC200W Datasheet
436Kb / 10P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022_V02 Datasheet
463Kb / 1P
   Ethernet-based Dual-loop PID Controller
13-Aug-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com