Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXU31AE0 Datasheet(PDF) 10 Page - Red Lion Controls. Inc

Part # PXU31AE0
Description  MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PXU31AE0 Datasheet(HTML) 10 Page - Red Lion Controls. Inc

Back Button PXU31AE0 Datasheet HTML 6Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 7Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 8Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 9Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 10Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 11Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 12Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 13Page - Red Lion Controls. Inc PXU31AE0 Datasheet HTML 14Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10

SETPOINT RAMP RATE
to  display units/minute *
By ramping the setpoint at a controlled rate, the setpoint ramp rate can reduce
sudden shock to the process and reduce overshoot on startup or after setpoint
changes. When viewing setpoint value, and the setpoint is ramping, the setpoint
will alternate between rSPx and the target setpoint value. The ramp rate is in least-
significant (display units) digits per minute. A value of 0 disables setpoint
ramping. Once the ramping setpoint reaches the target setpoint, the setpoint ramp
rate disengages until the setpoint is changed again. If the ramp value is changed
during ramping, the new ramp rate takes effect. If the setpoint is ramping prior to
starting Auto-Tune, the ramping will terminate when Auto-Tune starts. Deviation
and band alarms are relative to the target setpoint, not the ramping setpoint. A
slow process may not track the programmed setpoint rate. At power up, the
ramping setpoint is initialized to the current temperature/process value.
ACTIVE SETPOINT VALUE

to  display units *
CONTROL OUTPUT 1 or 2 % OUTPUT POWER
.
to .
The parameter name indicates the active setpoint. The Setpoint value can be
changed by pressing the arrow keys. This parameter can be configured as read
only in the Display Loop, but read/write in the Hidden Loop (dSPr). Select the
second Setpoint value by using the 1 or 2 key, user input, or the SPSL
parameter. Both Setpoint values are limited by the Setpoint Low and High
Limits in Input Module 1-IN.
While the controller is in Automatic Mode, this value
is read only. When the controller is placed in Manual
Mode, the value can be changed by pressing the arrow
keys. For more details on % Output Power, see Control
Mode Explanations.


CONTROLLER STATUS


When in rUN mode, the control output(s) respond based on their corresponding
% output value. When in StOP mode, the control output(s) are disabled.
Integral wind-up can be reset by entering StOP and then going back to rUN
mode.
I
PID GROUP
or
Select different PID parameters by choosing one of two different PID groups.
The following parameters may be locked from display or made available in
either the main Display Loop, the Parameter Loop or the Hidden Loop as
configured in programming module 3-LC. Values configured for dSPr are read
only when in the main display loop, but are writable when in the Hidden Loop.
The value mnemonics are shown for each parameter, as well as the factory
setting for each of the values.
.

OUTPUT POWER OFFSET
When the Integral Time is set to zero, the power offset is used to shift the
proportional band to compensate for errors in the steady state. If Integral Action
is later invoked, the controller will re-calculate the internal integral value to
provide “bumpless” transfer and Output Power Offset will not be necessary.
.
to . % power

x
.

.

7

PROPORTIONAL BAND
to  display units *
The proportional band should be set to obtain the best response to a process
disturbance while minimizing overshoot. For more information, see Control
Mode and PID Tuning Explanations.

I
INTEGRAL TIME
to  seconds
Integral action shifts the center point position of the proportional band to
eliminate error in the steady state. The higher the integral time, the slower the
response. The optimal integral time is best determined during PID Tuning.
3

DERIVATIVE TIME
to  seconds
Derivative time helps to stabilize the response, but too high of a derivative
time, coupled with noisy signal processes, may cause the output to fluctuate too
greatly, yielding poor control. Setting the time to zero disables derivative action.
.
I
INTEGRATION DEFAULT
.
to . % output power
The Integration Default is the default integration value of integral control.
When the process value enters the proportional band, the PXU will take the
Integration Default as the default control output of integral control. The value is
determined at Auto-Tune.
display/parameTer/hidden lOOp parameTer desCripTiOns
* Range/Decimal position is Programming dependent.


Similar Part No. - PXU31AE0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU31AE0 REDLION-PXU31AE0 Datasheet
564Kb / 3P
   PXU PID Controller
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU31AE0 REDLION-PXU31AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
More results

Similar Description - PXU31AE0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU20030 REDLION-PXU20030 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU209B0 REDLION-PXU209B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU300B0 REDLION-PXU300B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU20020 REDLION-PXU20020 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11A50 REDLION-PXU11A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU100B0 REDLION-PXU100B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Red Lion Controls. Inc
T1621100 REDLION-T1621100 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com