Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXU21AC0 Datasheet(PDF) 8 Page - Red Lion Controls. Inc

Part # PXU21AC0
Description  MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PXU21AC0 Datasheet(HTML) 8 Page - Red Lion Controls. Inc

Back Button PXU21AC0 Datasheet HTML 4Page - Red Lion Controls. Inc PXU21AC0 Datasheet HTML 5Page - Red Lion Controls. Inc PXU21AC0 Datasheet HTML 6Page - Red Lion Controls. Inc PXU21AC0 Datasheet HTML 7Page - Red Lion Controls. Inc PXU21AC0 Datasheet HTML 8Page - Red Lion Controls. Inc PXU21AC0 Datasheet HTML 9Page - Red Lion Controls. Inc PXU21AC0 Datasheet HTML 10Page - Red Lion Controls. Inc PXU21AC0 Datasheet HTML 11Page - Red Lion Controls. Inc PXU21AC0 Datasheet HTML 12Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
FRONT PANEL KEYS
In the Display Loop, the D key is pressed to identify the display
parameter and to advance to the next enabled display item. In all other
loops, the D key is pressed to exit (or escape) directly to the first enabled
Display Loop item.
The P key is pressed to advance to the next parameter, to activate a
selection/value change, and to enter the Hidden Loop when held for three
seconds.
The Arrow keys are used to scroll through parameter selections/
values and in the Configuration Loop they are used to scroll to the
appropriate Parameter Module.
The F1/F2 keys are used to perform the function assigned to the
key in Configuration Module 1.
8
4.0 revieWing The frOnT Keys and display
BJ
F1
F2
D
P
5.0 prOgramming lOOps
:
=
12
DISPLAY/PARAMETER/HIDDEN LOOP REFERENCE TABLE
PARAMETER
DESCRIPTION
RANGE/UNITS
FACTORY
SETTING
SP
x
Active Setpoint Value
Input Range Dependent
0
OP1
Control Output 1
0 to 100%
0.0
OP2
Control Output 2
0 to 100%
0.0
SPrP
Setpoint Ramp Rate
0 to 999 display units/minute
0
PId
PID Group
1
or 2
1
r-S
Controller Status
rUN
or StOP
rUN
OPOF
Output Power Offset
ProP
Proportional Band
0 to 9999 % display units
70
Intt
Integral Time
0 to 9999 seconds.
120
dErt
Derivative Time
0 to 9999 seconds per repeat
30
dInt
Integration Default
Default Integration Value 0.0 to 100.0%
0.0
AL-1
Alarm 1 Value
Input Range Dependent
100
AL-2
Alarm 2 Value
Input Range Dependent
200
AL-3
Alarm 3 Value
Input Range Dependent
300
ALrS
Alarm reset
1-2
( B Resets AL1; J Resets AL2)
ALrS
Alarm Reset
3
( J Resets AL3)
SPSL
Setpoint Select
SP-1
or SP-2
SP-1
tUNE
Auto-Tune Start
NO
or YES
NO
CtrL
Control Mode
OnOF
or PId
PId
trnF
Control Mode Transfer
Auto
or USEr
Auto
dEv
Setpoint Deviation
Display Units
COdE
Access Code
-125
to 125
0


Similar Part No. - PXU21AC0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU21AC0 REDLION-PXU21AC0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU21AC0 REDLION-PXU21AC0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU21AC0 REDLION-PXU21AC0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
More results

Similar Description - PXU21AC0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU20030 REDLION-PXU20030 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU209B0 REDLION-PXU209B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU300B0 REDLION-PXU300B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU20020 REDLION-PXU20020 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11A50 REDLION-PXU11A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU100B0 REDLION-PXU100B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Red Lion Controls. Inc
T1621100 REDLION-T1621100 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com