Electronic Components Datasheet Search |
|
P1611100 Datasheet(PDF) 9 Page - Red Lion Controls. Inc |
|
P1611100 Datasheet(HTML) 9 Page - Red Lion Controls. Inc |
9 / 28 page 6.0 progrAmming: hidden loop HIDDEN LOOP Note: Parameters shown bold are the only parameters visible in the Hidden Loop with Factory Settings. Setpoint and Output Power are factory set for the Display Loop. The remaining parameters can be selected for the Hidden Loop within Module 3. Parameter availability is model and programming dependent. FRONT DISPLAY ENDS AND RETURNS TO START OF DISPLAY LOOP. ADVANCES TO NEXT PARAMETER. CHANGES SELECTION/VALUE. 240 °F SPSL TOP DISPLAY TEMP/PROCESS BOTTOM DISPLAY PARAMETER SELECTION/VALUE SP-1 F1 To enter Hidden Loop, press A for 3 seconds. HIDDEN LOOP When A is pressed and held for three seconds, the controller advances to the Hidden Loop. The Temperature/Process Value is shown in the top display. The bottom display alternates between the parameter and its selection/value. B or J is pressed to change the selection/value for the shown parameter. The new selection/value is activated after A is pressed. When L is pressed, the controller returns to the Display Loop and stores changed selection/values to permanent memory. Hidden Loop parameters may be locked out in Lockout Module . Some parameters are model and programming dependent. 1 ACCESS CODE 1 to 12 If the Access Code is set from 1 to 125, in Lockout Module , Access Code will appear here. By entering the proper Code, access to the Hidden Loop is permitted. With the factory setting of 0, Access Code will not appear in the Hidden Loop. A universal code of 111 can be entered to gain access, independent of the programmed code number. SETPOINT RAMP RATE to nF CONTROL MODE TRANSFER SETPOINT SELECT 1 or 2 The SPSL function allows the operator to switch from or to, setpoint 1 and setpoint 2. In the Display Loop, there is no annunciator indicating the selected Setpoint, however, the selected Setpoint value is displayed and activated. In Automatic Mode, the percentage of Output Power is automatically determined by the controller. In Manual/User Mode, the percentage of Output Power is adjusted manually while in the Display Loop. The Control Mode can also be transferred through the F1 Key or User Input. For more information, see Control Mode Explanations. The setpoint ramp rate can reduce sudden shock to the process and reduce overshoot on startup or after setpoint changes, by ramping the setpoint at a controlled rate. R annunciator flashes while ramping. With the T16, the ramp rate is always in tenths of degrees per minute, regardless of the resolution chosen for the process display. With the P16, the ramp rate is in least-significant (display units) digits per minute. A value of 0.0 or 0 disables setpoint ramping. Once the ramping setpoint reaches the target setpoint, the setpoint ramp rate disengages until the setpoint is changed again. If the ramp value is changed during ramping, the new ramp rate takes effect. If the setpoint is ramping prior to starting Auto- Tune, the ramping is suspended during Auto-Tune and then resumed afterward. Deviation and band alarms are relative to the target setpoint, not the ramping setpoint. A slow process may not track the programmed setpoint rate. At power up, the ramping setpoint is initialized at the ambient temperature/process value. 9 |
Similar Part No. - P1611100 |
|
Similar Description - P1611100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |