Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1610000 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # P1610000
Description  MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

P1610000 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  P1610000 Datasheet HTML 1Page - Red Lion Controls. Inc P1610000 Datasheet HTML 2Page - Red Lion Controls. Inc P1610000 Datasheet HTML 3Page - Red Lion Controls. Inc P1610000 Datasheet HTML 4Page - Red Lion Controls. Inc P1610000 Datasheet HTML 5Page - Red Lion Controls. Inc P1610000 Datasheet HTML 6Page - Red Lion Controls. Inc P1610000 Datasheet HTML 7Page - Red Lion Controls. Inc P1610000 Datasheet HTML 8Page - Red Lion Controls. Inc P1610000 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
-0.0
+0.6
-0.000
+0.024
-0.0
+0.6
-0.000
+0.024
(45
)
1.772
(45
)
1.772
(9.4)
0.37
4.17 (105.9)
1.95
1.95
(49.5)
(49.5)
2
2
1
O
O
1
A
A
R
MAN
%
W
P
%
1.76 (44.7)
11
5
12
1.76
(44.7)
14
13
4
3
2
1
10
9
8
7
6
1
MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
GENERAL DESCRIPTION
The Model T16 Controller accepts signals from a variety of temperature
sensors (thermocouple or RTD), while the Model P16 Controller accepts either a
0 to 10 VDC or 0/4 to 20 mA DC input signal. Both controllers can provide an
accurate output control signal (time proportional or DC Analog Output) to
maintain a process at a setpoint value. Dual 4-digit displays allow viewing of the
process/temperature and setpoint simultaneously. Front panel indicators inform
the operator of the controller and output status. The comprehensive programming
allows these controllers to meet a wide variety of application requirements.
MAIN CONTROL
The controller operates in the PID Control Mode for both heating and
cooling, with on-demand auto-tune, that establishes the tuning constants. The
PID tuning constants may be fine-tuned through the front panel and then locked
out from further modification. The controller employs a unique overshoot
suppression feature, that allows the quickest response without excessive
overshoot. Switching to Manual Mode provides the operator direct control of the
output. The controller may also be programmed to operate in On/Off mode with
adjustable hysteresis.
ALARMS
Optional alarm(s) can be configured independently for absolute high or low
acting with balanced or unbalanced hysteresis. They can also be configured for
deviation and band alarm. In these modes, the alarm trigger values track the
setpoint value. Adjustable alarm hysteresis can be used for delaying output
response. The alarms can be programmed for Automatic or Latching operation.
A selectable standby feature suppresses the alarm during power-up until the
temperature stabilizes outside the alarm region.
ANALOG OUTPUT OPTION
The optional DC Analog Output (10 V or 20 mA) can be configured and
scaled for control or re-transmission purposes. The programmable output update
time reduces valve or actuator activity.
PC PROGRAMMING KIT
The optional TP16KIT contains a programming module with a 9 pin RS232
connector, cable and Crimson, a Windows® based configuration software. The
software allows downloading, uploading and storage of T16 and P16 program
files. All controllers have a communications port that allows configuration by
PC even without controller power connected. Controller calibration is also
possible using the software when the proper calibration equipment and
controller power is connected.
CONSTRUCTION
The controller is constructed of a lightweight, high impact, black plastic
textured case and bezel with a clear display window. The front panel meets
NEMA 4X/IP65 specifications when properly installed. In applications that do
not require protection to NEMA 4X, multiple controllers can be stacked
horizontally or vertically. Modern surface-mount technology, extensive testing,
plus high immunity to noise interference makes the controller extremely reliable
in industrial environments.
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in the
manual or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
Do not use the controller to directly command motors, valves, or other actuators
not equipped with safeguards. To do so can be potentially harmful to persons or
equipment in the event of a fault to the controller. An independent and redundant
temperature limit indicator with alarm outputs is strongly recommended.
PID CONTROL WITH REDUCED OVERSHOOT
T16 ACCEPTS TC AND RTD
P16 ACCEPTS 0-10 V AND 0/4-20 mA SIGNALS
ON DEMAND AUTO-TUNING OF PID SETTINGS
DC ANALOG OUTPUT (OPTIONAL)
USER PROGRAMMABLE FUNCTION BUTTON
PC OR FRONT PANEL PROGRAMMING
PC CONFIGURABLE WITH TP16KIT
DIMENSIONS In inches (mm)
PANEL CUT-OUT
UL Recognized Component,
File #E179259
CAUTION: Risk of Danger.
Read complete instructions prior to
installation and operation of the unit.
CAUTION: Risk of electric shock.
Bulletin No. T/P16-M
Drawing No. LP0486
Released 11/16
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net


Similar Part No. - P1610000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
More results

Similar Description - P1610000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
T1621100 REDLION-T1621100 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
T1610010 REDLION-T1610010 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
P1621100 REDLION-P1621100 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Red Lion Controls. Inc
PXU31A50 REDLION-PXU31A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU20020 REDLION-PXU20020 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU209B0 REDLION-PXU209B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU300B0 REDLION-PXU300B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11A50 REDLION-PXU11A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com