Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLC01001 Datasheet(PDF) 7 Page - Red Lion Controls. Inc

Part # DLC01001
Description  DUAL LOOP CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

DLC01001 Datasheet(HTML) 7 Page - Red Lion Controls. Inc

Back Button DLC01001 Datasheet HTML 3Page - Red Lion Controls. Inc DLC01001 Datasheet HTML 4Page - Red Lion Controls. Inc DLC01001 Datasheet HTML 5Page - Red Lion Controls. Inc DLC01001 Datasheet HTML 6Page - Red Lion Controls. Inc DLC01001 Datasheet HTML 7Page - Red Lion Controls. Inc DLC01001 Datasheet HTML 8Page - Red Lion Controls. Inc DLC01001 Datasheet HTML 9Page - Red Lion Controls. Inc DLC01001 Datasheet HTML 10Page - Red Lion Controls. Inc DLC01001 Datasheet HTML 11Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
ANALOG OUTPUT
0-10V, 0(4)-20mA
OUT -
OUT +
TBB
Controller,
Recorder
Output 1 = Terminals 8 & 9
Output 2 = Terminals 10 & 11
SETTING
OUTPUT COMMON
DEFAULT SERIAL
TBA
TBB
ANALOG DC OUTPUT CONNECTIONS
DEFAULT SERIAL SETTING CONNECTIONS
Note: Analog Outputs & RS485 are not internally isolated and must not
share the same common (i.e., earth ground).
If using software selectable serial
settings and the serial settings are
unknown or forgotten, they can be
temporarily reset to the defaults by
connecting the “Default Serial
Setting” terminal 7 to “Output
Common” terminal 4 with a jumper.
RS485 SERIAL CONNECTIONS
There are two modular connectors located on the front for paralleling
communications. The CBPRO007 programming cable converts the RS232 port
of a PC to RS485 and is terminated with an RJ11 connector. The bi-directional
capability of the CBPRO007 allows it to be used as a permanent interface cable
as well as a programming cable.
none
8
Parity:
Data Bits:
9600
Baud Rate:
247
Address:
RTU
Protocol:
Defaults:
STEP 5 INSTALLING SFDLC (Software for DLC)
After downloading RLCPro for DLC Series (http://www.redlion.net/
SFDLC) open the ZIP archive and then run dlc207.exe to install the
software.
STEP 6 PROGRAMMING - Getting Started
Run RLCPro by double-clicking the icon, or use the start menu.
You will be prompted to
select the proper device,
Use the FILE pull-down menu
to select a NEW file.
and then the model.


Similar Part No. - DLC01001

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
DLC00001 REDLION-DLC00001 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
logo
Mean Well Enterprises C...
DLC03 MEANWELL-DLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
DLC03A-05 MEANWELL-DLC03A-05 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
DLC03A-12 MEANWELL-DLC03A-12 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
DLC03A-15 MEANWELL-DLC03A-15 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
More results

Similar Description - DLC01001

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
DLC00001 REDLION-DLC00001 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022_V02 Datasheet
463Kb / 1P
   Ethernet-based Dual-loop PID Controller
13-Aug-2021
ADAM-6022 ADVANTECH-ADAM-6022 Datasheet
635Kb / 1P
   Ethernet-based Dual-loop PID Controller
logo
Red Lion Controls. Inc
DLCD0001 REDLION-DLCD0001 Datasheet
238Kb / 8P
   MODEL DLCD ??DUAL LOOP CONTROLLER w/ DH-485
DLCN0001 REDLION-DLCN0001 Datasheet
314Kb / 4P
   MODEL DLCN - DUAL LOOP CONTROLLER / DATA ACQUISITION MODULE
DLCN1001 REDLION-DLCN1001 Datasheet
314Kb / 4P
   MODEL DLCN - DUAL LOOP CONTROLLER / DATA ACQUISITION MODULE
logo
M-System Co.,Ltd.
SM10 MSYSTEM-SM10 Datasheet
226Kb / 9P
   Single Loop Controller Series
SML MSYSTEM-SML Datasheet
362Kb / 17P
   Single Loop Controller Series
logo
List of Unclassifed Man...
C5-01 ETC-C5-01 Datasheet
229Kb / 1P
   Open-Loop Stepper Motor Controller
logo
M-System Co.,Ltd.
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com