Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744777930W Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744777930W
Description  POWER-CHOKE WE-PD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744777930W Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744777930W Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744777930W Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744777930W Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
A
mm
B
mm
C
mm
D
mm
E
mm
@@FRM 1@@
= Start of winding
Marking = Inductance code
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom/
rated current
Sättigungsstrom/
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Copper- alloy
ALa
12-09-10
Name
Datum / date
7345
Änderung / modification
Version 1
1,5 ± 0,3
1,5 ± 0,2
4,5 max
7,3 ± 0,3
4,0 ± 0,3
2,3
@20°C
fres
Luftfeuchtigkeit / humidity:
D Prüfgeräte / test equipment :
typ.
∆T= 40 K
A
0,18
Agilent N5776A / Dostmann T905 für/for IR
A Mechanische Abmessungen / dimensions :
typ.
WAYNE KERR 3260B für/for L
; Isat
Isat
1000
RDC max
6.000
E Testbedingungen / test conditions :
MHz
Kunde / customer :
SPEICHERDROSSEL WE-PD
POWER-CHOKE WE-PD
Artikelnummer / part number :
744777930W
±20%
C Lötpad / soldering spec. :
B Elektrische Eigenschaften / electrical properties :
Umgebungstemp. / ambient temperature: -40°C - + 85°C
F Werkstoffe & Zulassungen / material & approvals :
@ 20°C
RDC typ
m
W
4.500
µH
IR
.................................................
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2012-09-10
max.
A
Testbedingungen /
test conditions
Therminal finish:
Ni barrier / matte Sn
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
G Eigenschaften / general specifications :
Draht / wire:
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
...............................................
not exceed 125°C under worst case operating conditions.
Ferrit/ferrite
Würth Elektronik
..................................................................................
Betriebstemp. / operating temperature: -40°C - + 125°C
Freigabe erteilt / general release:
100 kHz / 0,25V
@ 20°C
|∆L/L|< 10%
GMC Metrahit 27I für/for RDC
Agilent E4991A für/for fres
max.
L
0,25
typ.
m
W
Kunde / customer
Basismaterial / base material:
Therminal base material:
It is recommended that the temperature of the part does
Class H
Glue and base can get yellow after sodlering process
1,7
2,0
4,0
8,0
2,0
[ mm ]
A
Marking
B
C
D
E
A
SEITE 1 VON 3


Similar Part No. - 744777930W

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744777930 WURTH-744777930 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD
More results

Similar Description - 744777930W

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447709002 WURTH-7447709002 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
7447715180 WURTH-7447715180 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715330 WURTH-7447715330 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715470 WURTH-7447715470 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715906 WURTH-7447715906 Datasheet
122Kb / 4P
   POWER-CHOKE WE-PD
7447779003 WURTH-7447779003 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447779004 WURTH-7447779004 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447785133 WURTH-7447785133 Datasheet
598Kb / 3P
   POWER-CHOKE WE-PD
7447789147W WURTH-7447789147W Datasheet
279Kb / 3P
   POWER-CHOKE WE-PD
744770282 WURTH-744770282 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
744770222 WURTH-744770222 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com