Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1772RGAR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1772RGAR
Description  LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1772RGAR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM1772RGAR Datasheet HTML 1Page - Burr-Brown (TI) PCM1772RGAR Datasheet HTML 2Page - Burr-Brown (TI) PCM1772RGAR Datasheet HTML 3Page - Burr-Brown (TI) PCM1772RGAR Datasheet HTML 4Page - Burr-Brown (TI) PCM1772RGAR Datasheet HTML 5Page - Burr-Brown (TI) PCM1772RGAR Datasheet HTML 6Page - Burr-Brown (TI) PCM1772RGAR Datasheet HTML 7Page - Burr-Brown (TI) PCM1772RGAR Datasheet HTML 8Page - Burr-Brown (TI) PCM1772RGAR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
PCM1772
PCM1773
SLES010D – SEPTEMBER 2001 – REVISED MAY 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
all specifications at TA = 25°C, VCC1 = VCC2 = 2.4 V, fS = 44.1 kHz, system clock = 256 fS and 24-bit data, RL = 10 kΩ, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1772PW, PCM1773PW,
PCM1772RGA, PCM1773RGA
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY REQUIREMENTS
Voltage range, VCC1, VCC2
1.6
2.4
3.6
Vdc
ICC1
BPZ input
1.5
2.5
mA
ICC2
Supply current
BPZ input
1
2.5
mA
ICC1 +
ICC2
Supply current
Power down(4)
5
15
µA
Power dissipation
BPZ input
6
12
mW
Power dissipation
Power down(4)
12
36
µW
TEMPERATURE RANGE
Operation temperature
–25
85
°C
θJA
Thermal resistance
PCM1772PW, −73PW: 16-terminal
TSSOP
150
°C/W
θJA
Thermal resistance
PCM1772RGA, −73RGA: 20-terminal
VQFN
130
°C/W
(4) All input signals are held static.
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LRCK
DATA
BCK
PD
AGND1
AGND2
VCOM
VOUTR
SCKI
MS
MC
MD
VCC1
VCC2
AIN
VOUTL
PCM1772
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LRCK
DATA
BCK
PD
AGND1
AGND2
VCOM
VOUTR
SCKI
FMT
AMIX
DEMP
VCC1
VCC2
AIN
VOUTL
PCM1773
PW PACKAGE
(TOP VIEW)
PCM1772
RGA PACKAGE
(TOP VIEW)
DATA
BCK
PD
AGND1
AGND2
NC – No internal connection
FMT
AMIX
DEMP
VCC1
VCC2
PCM1773
RGA PACKAGE
(TOP VIEW)
DATA
BCK
PD
AGND1
AGND2
MS
MC
MD
VCC1
VCC2
1
2
3
4
5
15
14
13
12
11
67
8
9 10
20 19 18 17 16
1
2
3
4
5
15
14
13
12
11
67
8
9 10
20 19 18 17 16


Similar Part No. - PCM1772RGAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1772RGAR TI1-PCM1772RGAR Datasheet
976Kb / 37P
[Old version datasheet]   LINEOUT AMPLIFIER
More results

Similar Description - PCM1772RGAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770_07 Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
logo
Cirrus Logic
CS43L21 CIRRUS-CS43L21 Datasheet
1Mb / 63P
   Low Power, Stereo Digital to Analog Converter
CS53L21 CIRRUS-CS53L21 Datasheet
1Mb / 66P
   Low Power, Stereo Analog to Digital Converter
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com