Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-DT-3120E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-DT-3120E
Description  Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-DT-3120E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-DT-3120E Datasheet HTML 1Page - Advantech Co., Ltd. IPC-DT-3120E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Chassis
Features
IPC-510
Specifications
Drive Bay
External
Internal
5.25"
3
-
3.5"
1
1
Cooling
Fan
1 (12 cm/77 CFM)
Air Filter
Yes
Front I/O
USB
2
PS/2
1
Miscellaneous
LED Indicators
Power and HDD activity
Rear Panel
Backplane version: 2 x 9-pin D-Sub openings
Motherboard version: 1 x 9-pin D-Sub and 1 x 68-pin SCSI openings
Environment
Operating
Non-Operating
Temperature
0 ~ 40 °C (32 ~ 104 °F)
-20 ~ 60 °C (-4 ~ 140 °F)
Humidity
10 ~ 85% @ 40 °C, non-condensing
10 ~ 95% @ 40 °C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
481 x 175 x 446 mm (19 x 7 x 17.6")
Weight
10.7 kg (23.5 lb)
ƒ Most cost-effective rackmount chassis available
ƒ Supports PS/2 single power supply
ƒ Easy-to-install front-accessible drive bays hold 3 x 5.25" and 2 x 3.5" drives
(1 x front-accessible and 1 x internal)
ƒ Front-accessible USB and PS/2 interfaces
ƒ Designed to withstand environmental extremes, including shock, vibration,
and high temperatures
Economical 4U Rackmount Chassis
with Front-Accessible USB and PS/2
Interfaces
Easy Maintenance
Cooling Fan
Reset
Button
Power Switch
HDD LED
Power LED
3 x 5.25" Drive Bays
1 x 3.5" Internal Drive Bay Space
1 x 3.5" Drive Bay
Motherboard
(fits 450 mm/17.7" depth)
USB and PS/2
Black Version
All product specifications are subject to change without notice.
Last updated: 4-May-2016


Similar Part No. - IPC-DT-3120E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-DT-3120E ADVANTECH-IPC-DT-3120E Datasheet
884Kb / 2P
   Quiet 4U Rackmount Chassis
IPC-DT-3120E ADVANTECH-IPC-DT-3120E Datasheet
1Mb / 2P
   Desktop/wallmount Chassis for ATX/mATX Motherboard
IPC-DT-3120E ADVANTECH-IPC-DT-3120E Datasheet
1Mb / 2P
   348mm Depth 4U Rackmount Chassis for Half-size SBC or ATX Motherboard
IPC-DT-3120E ADVANTECH-IPC-DT-3120E Datasheet
782Kb / 2P
   Micro Computer with Intel® Core™ i7/i5/i3 Processor, Intel® H110 Chipset, 4 x Expansion Slots, and 300W 80PLUS PSU
2-Sep-2021
IPC-DT-3120E ADVANTECH-IPC-DT-3120E Datasheet
849Kb / 2P
   Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
More results

Similar Description - IPC-DT-3120E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-510 ADVANTECH-IPC-510_V01 Datasheet
803Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
16-Jun-2020
IPC-DT-5230E ADVANTECH-IPC-DT-5230E Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510_15 Datasheet
838Kb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510_12 Datasheet
2Mb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510 Datasheet
1Mb / 2P
   4U Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000_15 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_17 Datasheet
975Kb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com