Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7476AYKSZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7476AYKSZ-REEL7
Description  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476AYKSZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7476AYKSZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. C
–10–
AD7476A/AD7477A/AD7478A
PIN CONFIGURATIONS
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7476A/AD7477A/AD7478A and also frames the serial data transfer.
VDD
Power Supply Input. The VDD range for the AD7476A/AD7477A/AD7478A is from 2.35 V to 5.25 V.
GND
Analog Ground. Ground reference point for all circuitry on the AD7476A/AD7477A/AD7478A. All analog input
signals should be referred to this GND voltage.
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
SDATA
Data Out. Logic output. The conversion result from the AD7476A/AD7477A/AD7478A is provided on this output as a
serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from the AD7476A
consists of four leading zeros followed by the 12 bits of conversion data, which are provided MSB first. The data stream
from the AD7477A consists of four leading zeros followed by the 10 bits of conversion data followed by two trailing
zeros, provided MSB first. The data stream from the AD7478A consists of four leading zeros followed by the 8 bits
of conversion data followed by four trailing zeros, which are provided MSB first.
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also
used as the clock source for the AD7476A/AD7477A/AD7478A’s conversion process.
NC
No Connect.
8-Lead MSOP
8
7
6
5
1
2
3
4
NC = NO CONNECT
VDD
SDATA
CS
VIN
GND
SCLK
NC
NC
TOP VIEW
(Not to Scale)
AD7476A/
AD7477A/
AD7478A
6-Lead SC70
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
VDD
GND
VIN
CS
SDATA
SCLK
AD7476A/
AD7477A/
AD7478A


Similar Part No. - AD7476AYKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476AYKSZ-REEL7 AD-AD7476AYKSZ-REEL7 Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results

Similar Description - AD7476AYKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com