Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6433 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6433
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6433 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6433 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6433 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6433 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6433 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12.8 22.3
14.3
43.3
73
54
67
60.0
SIDE VIEW
50.225
78.0
TOP VIEW
Recommended torque = 32.5 in/lbs.
GHz BGA Socket - Direct mount, solderless
Features
• Directly mounts to target PCB (requires tooling holes) with hardware
• High speed, reliable Elastomer connection
• Minimum real estate required
• Compression plate distributes forces evenly
• Ball guide prevents over compression of elastomer
• Easily removable swivel socket lid
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SG-BGA 42.5x42.5, 42x42 and 40x40 array, 1mm pitch
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 07/27/2015
Material: N/A
Finish: N/A
Weight: 463.92
SG-BGA-6433 Drawing
SCALE: 1:1
SHEET: 1 OF 4
ENG: V. Panavala
FILE: SG-BGA-6433 Dwg
DRAWN BY: M. Raske


Similar Part No. - SG-BGA-6433

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6432 IRONWOOD-SG-BGA-6432 Datasheet
225Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6434 IRONWOOD-SG-BGA-6434 Datasheet
521Kb / 5P
   Compression plate distributes forces evenly
SG-BGA-6435 IRONWOOD-SG-BGA-6435 Datasheet
363Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6436 IRONWOOD-SG-BGA-6436 Datasheet
603Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6439 IRONWOOD-SG-BGA-6439 Datasheet
449Kb / 5P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6433

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com