Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8594C-2P02 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8594C-2P02
Description  512 X 8-bit CMOS EEPROM with I2C-bus interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8594C-2P02 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8594C-2P02 Datasheet HTML 6Page - NXP Semiconductors PCF8594C-2P02 Datasheet HTML 7Page - NXP Semiconductors PCF8594C-2P02 Datasheet HTML 8Page - NXP Semiconductors PCF8594C-2P02 Datasheet HTML 9Page - NXP Semiconductors PCF8594C-2P02 Datasheet HTML 10Page - NXP Semiconductors PCF8594C-2P02 Datasheet HTML 11Page - NXP Semiconductors PCF8594C-2P02 Datasheet HTML 12Page - NXP Semiconductors PCF8594C-2P02 Datasheet HTML 13Page - NXP Semiconductors PCF8594C-2P02 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Philips Semiconductors
PCF8594C-2
512
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 05 — 25 October 2004
10 of 21
9397 750 14221
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.
Limiting values
10. Characteristics
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+6.5
V
Vi
input voltage on any input pin
|Z
i| > 500 Ω
VSS − 0.8
+6.5
V
Ii
input current on any input pin
-
1
mA
Io
output current
-
10
mA
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Table 7:
Characteristics
VDD = 2.5 V to 6.0 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
2.5
-
6.0
V
IDDR
supply current read
fSCL = 100 kHz
VDD = 2.5 V
-
-
60
µA
VDD = 6.0 V
-
-
200
µA
IDDW
supply current E/W
fSCL = 100 kHz
VDD = 2.5 V
-
-
0.6
mA
VDD = 6.0 V
-
-
2.0
mA
IDD(stb)
standby supply current
VDD = 2.5 V
-
-
3.5
µA
VDD = 6.0 V
-
-
10
µA
PTC output (pin 7)
VIL
LOW level input voltage
−0.8
-
0.1VDD
V
VIH
HIGH level input voltage
0.9VDD
-VDD + 0.8
V
SCL input (pin 6)
VIL
LOW level input voltage
−0.8
-
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
-
+6.5
V
ILI
input leakage current
VI =VDD or VSS
--
±1
µA
fSCL
clock input frequency
0
-
100
kHz
Ci
input capacitance
VI =VSS
--7
pF


Similar Part No. - PCF8594C-2P02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
PCF8594C-2P ICST-PCF8594C-2P Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
logo
NXP Semiconductors
PCF8594C-2P PHILIPS-PCF8594C-2P Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
More results

Similar Description - PCF8594C-2P02

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com