Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1616058-2 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 4-1616058-2
Description  HARTMAN Power Switching DC Contactors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1616058-2 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  4-1616058-2 Datasheet HTML 1Page - TE Connectivity Ltd 4-1616058-2 Datasheet HTML 2Page - TE Connectivity Ltd 4-1616058-2 Datasheet HTML 3Page - TE Connectivity Ltd 4-1616058-2 Datasheet HTML 4Page - TE Connectivity Ltd 4-1616058-2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6–89
HARTMAN Power Switching DC Contactors
6
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
A-770 and AR-770 Series, Rated up to 300 Amps, 28 Vdc (Continued)
HARTMAN
Construction
Mounting
Coil
Circuit
TE
Part Number
Type
Style
Type
Config.
Part Number
A-770AM
Gasket/Vented
A
Continuous
1
3-1616058-1
A-770N
Gasket/Vented
B
Continuous
2
3-1616058-3
A-770RF
Gasket/Vented
C
Continuous
3
3-1616058-4
A-770RG
Gasket/Vented
D
Intermittent
4
3-1616058-5
A-770RN
Gasket/Vented
E
Continuous w/Supp.
5
3-1616058-8
A-770RSS
Gasket/Vented
F
Continuous w/Supp.
6
3-1616058-9
A-770RV
Gasket/Vented
G
Intermittent w/Supp.
7
1616530-7
A-770W
Gasket/Vented
H
Continuous
8
4-1616058-1
A-770WA-2
Gasket/Vented
I
Intermittent
9
4-1616058-2
A-770WA-3
Gasket/Vented
J
Intermittent
10
4-1616058-3
A-770WF
Gasket/Vented
K
Continuous
11
4-1616058-4
AR-770W
Gasket/Vented
L
Continuous
12
1616063-1
Circuit Configuration 1
Circuit Configuration 2
Circuit Configuration 3
Circuit Configurations (Consult factory for other available circuit configurations)
Circuit Configuration 4
Circuit Configuration 5
Circuit Configuration 6
Circuit Configuration 7
Circuit Configuration 8
Circuit Configuration 9
Circuit Configuration 10
Circuit Configuration 11
Circuit Configuration 12


Similar Part No. - 4-1616058-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1616927-9 TEC-4-1616927-9 Datasheet
237Kb / 1P
   SMART CURRENT SENSOR
4-1616974-7 TEC-4-1616974-7 Datasheet
33Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 4-1616058-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
A1077 TEC-A1077 Datasheet
812Kb / 4P
   HARTMAN Power Switching DC Contactors
A-703 TEC-A-703 Datasheet
1Mb / 5P
   HARTMAN Power Switching DC Contactors
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
B-138 TEC-B-138 Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
logo
List of Unclassifed Man...
124-105111 ETC2-124-105111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
   HARTMAN Aerospace Power Products
logo
Zhejiang DongYa Electro...
BZJ-100D DONGYA-BZJ-100D Datasheet
240Kb / 1P
   NC DC Contactors
logo
Tyco Electronics
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
   HARTMAN Aerospace Power Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com