Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2843CHIPSET Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2843CHIPSET
Description  10.709 Gbps Laser Diode Driver Chipset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2843CHIPSET Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN2843CHIPSET Datasheet HTML 3Page - Analog Devices ADN2843CHIPSET Datasheet HTML 4Page - Analog Devices ADN2843CHIPSET Datasheet HTML 5Page - Analog Devices ADN2843CHIPSET Datasheet HTML 6Page - Analog Devices ADN2843CHIPSET Datasheet HTML 7Page - Analog Devices ADN2843CHIPSET Datasheet HTML 8Page - Analog Devices ADN2843CHIPSET Datasheet HTML 9Page - Analog Devices ADN2843CHIPSET Datasheet HTML 10Page - Analog Devices ADN2843CHIPSET Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
ADN2843
–7–
The laser fail alarm, FAIL, is activated when the transmitter can
no longer be guaranteed to be SONET/SDH compliant. This
occurs when one of the following conditions arise:
∑ The ASET threshold is reached.
∑ The ALS pin is set high. This shuts off the modulation and
bias currents to the LD, resulting in the MPD current
dropping to zero. This gives closed-loop feedback to the
system that ALS has been enabled.
DEGRADE is raised only when the bias current exceeds
90% of the alarm threshold.
ALARM INTERFACE
The alarm voltages are open collector outputs. An internal
pull-up resistor of 30k
that is used to pull the logic high
value to VCC. However, this can be overdriven with an external
resistor, allowing alarm interfacing to non-VCC levels. The
FAIL output may not be connected directly to the ALS pin to
shut down the bias and modulation currents. It can however
be latched using a flip-flop, and the output of the flip-flop can
then be used to activate ALS. Non-VCC alarm output levels
must be below the VCC used for the ADN2843.
DATA INPUTS
Figure 2 shows a simplified schematic of the ADN2845 data
inputs. The data inputs are terminated via the equivalent of a
100
internal resistor between DATAN and DATAP. This
provides 50
termination for single-ended signals. The actual
signal on the switching devices is attenuated by a factor of 2
internally. There is a high impedance circuit to set the common-
mode voltage, which is designed to change over temperature. It
is recommended that ac coupling be used to eliminate the need
for matching between the common-mode voltages.
25
25
25
25
2k
INTERNAL
REFERENCE
ADN2845
DATAN
DATAP
Figure 2. Simplified Schematic of Data Inputs
MONITOR CURRENTS
IBMON, IMMON mirror the bias, modulation current at a ratio
of 1:100 for increased monitoring functionality. IMPDMON and
IMPDMON2 mirror the current in IMPD and IMPD2, respec-
tively, with a ratio of 1. All monitors source current from VCC.
If the MPD monitoring function is not required, then the IMPD
pin should be tied to ground and the monitor photodiode cathode
should be connected directly to the PSET pin. When the MPD
monitor functions are not used, IMPDMON and IMPDMON2
should be tied to VCC.
MPD CURRENT
The maximum average MPD current is specified in the specifica-
tions section. This maximum current specified is limited by the
MPD monitoring circuitry. If the monitoring function is not
required, then IMPD and IMPD2 should be grounded, the moni-
tor photodiode cathode should be connected directly to the PSET
node, and IMPDMON and IMPDMON2 should be tied to VCC.
MPD currents as high as 3 mA can be used in this configuration.
Another way to increase the MPD current range without sacri-
ficing the monitoring function is to use IMPD and IMPD2 in
parallel. This effectively doubles the current range but raises the
lower MPD current specification from 50 A to 100
A. If this
configuration is used, the IMPDMON and IMPDMON2 pins
should be tied together and terminated with a single resistor.
The mirror ratio of 1 is maintained in this configuration.
DUAL MPD DWDM FUNCTION
The MPD function mirrors the current in MPD to the PSET pin
and to the IMPDMON pin with a ratio of 1. A second monitor
photodiode can be connected to the IMPD2 pin. Its current is
mirrored to IMPDMON2 and also to the PSET pin, where it is
summed with the current mirrored from IMPD. The two MPD
monitor currents can be used as inputs to a DWDM wavelength
control function when used in combination with various optical
filtering techniques. If the IMPD monitor function is not required,
the monitor photodiode can be directly connected to the PSET
pin, and the IMPD pin must be tied to GND. If the IMPD2 pin
is not being used, it should be tied to GND.
IDTONE
The IDTONE pin is supplied for fiber identification/supervisory
channels or for control purposes. This pin modulates the optical
one level by adding a current to IMOD over a possible range of
2% of minimum IMOD to 10% of maximum IMOD. The IDTONE
current is set by an external current sink connected to the
IDTONE pin. There is a gain of 2 between the IDTONE pin
and the IMOD current. To ratio the IDTONE current to IMOD, the
input current can be derived from the IMMON output current.
If the IDTONE function is not being used, this pin must be tied
to VCC to properly disable it.
Note that using IDTONE during transmission may cause optical
eye degradation.
AUTOMATIC LASER SHUTDOWN (ALS)
The ADN2843 ALS allows compliance to ITU-T-G958 (11/94),
Section 9.7. When ALS is asserted, both bias and modulation
currents are turned off. In ALS mode, current is sourced to the
laser from the IBIAS pin, which reverse biases the laser and ensures
that it is turned off. Correct operation of ALS can be confirmed
by the FAIL alarm being raised when ALS is asserted. Note this
is the only time that DEGRADE will be low while FAIL is high.
Note that for correct ALS operation, the ALS pin on the
ADN2845 and ADN2844 should be connected and termi-
nated with a 10 k
W resistor. The ADN2843 ALS should be
driven with correct logic levels (see Specifications section). ALS
should never be left floating.
POWER DISSIPATION
The power dissipation of the ADN2845 can be calculated using
the following expressions:
ImA
I
mA
ImA
PV
I
A
V
I
A
V
I
A
CC
MOD
BIAS
CC
CC
IMOD
MOD
IBIAS
BIAS
=+
¥
()()
()
() ()
75
1 75
0 3
2
..
/
where VIMOD is the average voltage on the IMOD pin, and
VIBIAS is the average voltage on the IBIAS pin.


Similar Part No. - ADN2843CHIPSET

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
More results

Similar Description - ADN2843CHIPSET

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
   3 Gbps Laser Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
List of Unclassifed Man...
CX60077 ETC-CX60077 Datasheet
154Kb / 14P
   2.5 Gbps Long Haul Laser Driver
Rev. 2d, 10/26/00.
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com