Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812S104M5RALTU Datasheet(PDF) 8 Page - Kemet Corporation

Part # C1812S104M5RALTU
Description  Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812S104M5RALTU Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C1812S104M5RALTU Datasheet HTML 4Page - Kemet Corporation C1812S104M5RALTU Datasheet HTML 5Page - Kemet Corporation C1812S104M5RALTU Datasheet HTML 6Page - Kemet Corporation C1812S104M5RALTU Datasheet HTML 7Page - Kemet Corporation C1812S104M5RALTU Datasheet HTML 8Page - Kemet Corporation C1812S104M5RALTU Datasheet HTML 9Page - Kemet Corporation C1812S104M5RALTU Datasheet HTML 10Page - Kemet Corporation C1812S104M5RALTU Datasheet HTML 11Page - Kemet Corporation C1812S104M5RALTU Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1014_X7R_FE-CAP_SMD • 10/14/2016
8
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 – 50 VDC (Commercial & Automotive Grade)
Table 1B – Capacitance Range/Selection Waterfall (1206 – 1812 Case Sizes)
Capacitance Cap
Code
Case Size/
Series
C1206S
C1210S
C1812S
Voltage Code
9
8
4
3
5
1
2
A
9
8
4
3
5
1
2
A
3
5
1
2
A
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1,000 pF
102
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
1,200 pF
122
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
1,500 pF
152
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
1,800 pF
182
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
2,200 pF
222
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
2,700 pF
272
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
3,300 pF
332
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
3,900 pF
392
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
4,700 pF
472
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
5,600 pF
562
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
6,800 pF
682
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
8,200 pF
822
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
10,000 pF
103
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
12,000 pF
123
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
15,000 pF
153
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
18,000 pF
183
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
22,000 pF
223
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
27,000 pF
273
J
K
M
EB
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
33,000 pF
333
J
K
M
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
39,000 pF
393
J
K
M
EB
EB
EB
EB
EB
EC
FB
FB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
47,000 pF
473
J
K
M
EB
EB
EB
EB
EB
EC
FB
FB
FB
FB
FB
FB
FC
FC
GB
GB
GB
GB
GB
56,000 pF
563
J
K
M
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FC
FC
GB
GB
GB
GB
GB
68,000 pF
683
J
K
M
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
82,000 pF
823
J
K
M
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FC
GB
GB
GB
GB
GB
0.10 µF
104
J
K
M
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FC
GB
GB
GB
GB
GB
0.12 µF
124
J
K
M
EC
EC
EC
EC
EC
FB
FB
FB
FB
FB
GB
GB
GB
GB
GB
0.15 µF
154
J
K
M
FC
FC
FC
FC
FC
GB
GB
GB
GB
GB
0.18 µF
184
J
K
M
FC
FC
FC
FC
FC
GB
GB
GB
GB
GB
0.22 µF
224
J
K
M
FC
FC
FC
FC
FC
GB
GB
GB
GB
GB
Capacitance
Cap Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
1
2
A
9
8
4
3
5
1
2
A
3
5
1
2
A
Case Size/
Series
C1206S
C1210S
C1812S


Similar Part No. - C1812S104M5RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812S103J1RAC KEMET-C1812S103J1RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J2RAC KEMET-C1812S103J2RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J3RAC KEMET-C1812S103J3RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J4RAC KEMET-C1812S103J4RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J5RAC KEMET-C1812S103J5RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
More results

Similar Description - C1812S104M5RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1210S332JCGACTU KEMET-C1210S332JCGACTU Datasheet
797Kb / 23P
   Floating Electrode (FE-CAP), High Voltage C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
1/25/2023
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com