Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123YEFRA Datasheet(PDF) 8 Page - Rohm

Part # DTC123YEFRA
Description  NPN 100mA 50V Digital Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC123YEFRA Datasheet(HTML) 8 Page - Rohm

  DTC123YEFRA Datasheet HTML 1Page - Rohm DTC123YEFRA Datasheet HTML 2Page - Rohm DTC123YEFRA Datasheet HTML 3Page - Rohm DTC123YEFRA Datasheet HTML 4Page - Rohm DTC123YEFRA Datasheet HTML 5Page - Rohm DTC123YEFRA Datasheet HTML 6Page - Rohm DTC123YEFRA Datasheet HTML 7Page - Rohm DTC123YEFRA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Datasheet
Part Number
DTC123YEFRA
Package
EMT3
Unit Quantity
3000
Minimum Package Quantity
3000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
DTC123YEFRA - Web Page
Distribution Inventory
Buy


Similar Part No. - DTC123YEFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123YE ROHM-DTC123YE Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC123YE JIANGSU-DTC123YE Datasheet
129Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC123YE SECOS-DTC123YE Datasheet
218Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC123YE ROHM-DTC123YE Datasheet
145Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC123YE SECOS-DTC123YE Datasheet
139Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC123YEFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
DTC124EUAFRA ROHM-DTC124EUAFRA Datasheet
896Kb / 8P
   NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com