Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WGW40G60W Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WGW40G60W
Description  Low Loss IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WGW40G60W Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WGW40G60W Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WGW40G60W Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WGW40G60W Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WGW40G60W Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WGW40G60W Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WGW40G60W Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WGW40G60W Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WGW
WGW
WGW
WGW40
40
40
40G
G
G
G60W
60W
60W
60W
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
Electrical Characteristics(Tc=25℃)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
G-E leakage current
IGES
VGE=VGES,VCE=0V
-
-
±400
nA
Collector-Emitter Breakdow nVoltage
V(BR)CES
IC=0.5mA,VGE=0V
600
-
-
V
Temperature Coefficient of
Breakdow nvoltage
△BVCES
/△TJ
VGE=0V,IC=250µA
-
0.6
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=40A, VGE=15V
-
2.3
2.9
IC=40A, VGE=15V
Tc=125℃
-
2.5
-
Collector Cut-off current
ICE S
V CE = V CE S ,VCE = 0 V
-
-
250
mA
G -E threshold voltage
VGE(th)
VCE=VGE,IC=250µA
4.0
5.0
6.5
V
Input capacitance
Ciss
VCE=30V
VGE=0V,
f=1MHz
-
2110
-
pF
Reverse transfer capacitance
C rss
-
60
-
Output capacitance
Coss
-
200
-
Sw itching time
Turn-on delay time
Td(on)
VCE=400 IC=40A
RG=10Ω,VGE=15V
Inductive Load,Tc=25℃
-
25
-
ns
Turn-onRise time
tr
-
42
-
Turn-off delay time
Td(off)
-
115
-
Turn-off Fall time
tf
-
27
54
Turn-on energy
E on
-
1.13
-
mJ
Turn-off energy
E off
-
0.31
-
Total swiitching energy
Ets
-
1.44
-
Sw itching time
Turn-on delay time
Td(on)
VCE=400 IC=40A
RG=10Ω,VGE=15V
Inductive Load,Tc=125℃
-
24
-
ns
Turn-onRise time
tr
-
43
-
Turn-off delay time
Td(off)
-
120
-
Turn-off Fall time
tf
-
30
-
Turn-on energy
E on
-
1.14
-
mJ
Turn-off energy
E off
-
0.48
-
Total swiitching energy
Ets
-
1.62
-
T otal Sw itching Loss
Qg
VCE=400v,I C=40A,
VGE=15V
-
120
-
nC
G ate to Emitter Charge
Qge
-
14
-
G ate to C ollector Charge
Qgc
-
58
-
Anti-Parallet Diode Characteristics (Ta=25)
Characteristics
Symbol
Test Condition
Min
Type Max
Unit
Forward voltage(diode)
VFM
IF=20A
Tc=25℃
-
1.9 5
2.6
V
Tc=125℃
-
1.8 5
-
Reverse recovery time
trr
IES=20A,dIES / dt
=200 A / µs
Tc=25℃
-
45
-
ns
Tc=125℃
-
140
-
Reverse recovery charge
Q rr
Tc=25℃
-
75
-
µC
Tc=125℃
-
37 5
-
2/7


Similar Part No. - WGW40G60W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WGW40G60W ETC2-WGW40G60W Datasheet
446Kb / 7P
   Low Loss IGBT
More results

Similar Description - WGW40G60W

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WGW15G120W WINSEMI-WGW15G120W Datasheet
455Kb / 7P
   Low Loss IGBT
WGW15G120N WINSEMI-WGW15G120N Datasheet
446Kb / 7P
   Low Loss IGBT
logo
List of Unclassifed Man...
WGW40G60W ETC2-WGW40G60W Datasheet
446Kb / 7P
   Low Loss IGBT
WGW15G120N ETC2-WGW15G120N Datasheet
446Kb / 7P
   Low Loss IGBT
logo
Shenzhen Winsemi Microe...
WGA40G60 WINSEMI-WGA40G60 Datasheet
443Kb / 7P
   Low Loss IGBT
logo
List of Unclassifed Man...
WGA40G60 ETC2-WGA40G60 Datasheet
443Kb / 7P
   Low Loss IGBT
WGW15G120W ETC2-WGW15G120W Datasheet
455Kb / 7P
   Low Loss IGBT
logo
Semikron International
SKM145GB174DN SEMIKRON-SKM145GB174DN Datasheet
630Kb / 4P
   Low Loss IGBT Modules
SKM-600GA124D SEMIKRON-SKM-600GA124D Datasheet
379Kb / 6P
   Low Loss IGBT Module
SKM150GB124D SEMIKRON-SKM150GB124D Datasheet
702Kb / 4P
   Low Loss IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com