Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5432YRM Datasheet(PDF) 2 Page - Analog Devices

Part # AD5432YRM
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5432YRM Datasheet(HTML) 2 Page - Analog Devices

  AD5432YRM Datasheet HTML 1Page - Analog Devices AD5432YRM Datasheet HTML 2Page - Analog Devices AD5432YRM Datasheet HTML 3Page - Analog Devices AD5432YRM Datasheet HTML 4Page - Analog Devices AD5432YRM Datasheet HTML 5Page - Analog Devices AD5432YRM Datasheet HTML 6Page - Analog Devices AD5432YRM Datasheet HTML 7Page - Analog Devices AD5432YRM Datasheet HTML 8Page - Analog Devices AD5432YRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
AD5426/AD5432/AD5443–SPECIFICATIONS1
(VDD = 3 V to 5.5 V, VREF = 10 V, IOUTx = O V. All specifications TMIN to TMAX, unless otherwise noted. DC performance measured with OP177, AC
performance with AD8038, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
AD5426
Resolution
8
Bits
Relative Accuracy
±0.25 LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
AD5432
Resolution
10
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
AD5443
Resolution
12
Bits
Relative Accuracy
±1
LSB
Differential Nonlinearity
–1/+2
LSB
Guaranteed monotonic
Gain Error
±10
mV
Gain Error Temperature Coefficient
2
±5
ppm FSR/
°C
Output Leakage Current
±5nA
Data = 0x0000, TA = 25
°C, I
OUT
±25
nA
Data = 0x0000, IOUT
REFERENCE INPUT
2
Reference Input Range
±10
V
VREF Input Resistance
8
10
12
k
Input resistance TC = –50 ppm/
°C
RFB Resistance
8
10
12
k
Input resistance TC = –50 ppm/
°C
Input Capacitance
Code All 0s
3
6
pF
Code All 1s
5
8
pF
DIGITAL INPUTS/OUTPUT
2
Input High Voltage, VIH
1.7
V
Input Low Voltage, VIL
0.6
V
Input Leakage Current, IIL
2
A
Input Capacitance
4
10
pF
VDD = 4.5 V to 5.5 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 A
Output High Voltage, VOH
VDD – 1
V
ISOURCE = 200 A
VDD = 3 V to 3.6 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 A
Output High Voltage, VOH
VDD – 0.5
V
ISOURCE = 200 A
DYNAMIC PERFORMANCE
2
Reference Multiplying Bandwidth
10
MHz
VREF =
±3.5 V; DAC loaded all 1s
Output Voltage Settling Time
VREF = 10 V; RLOAD = 100
Ω, C
LOAD = 15 pF
AD5426
50
100
ns
Measured to
±16 mV of full scale
AD5432
55
110
ns
Measured to
±4 mV of full scale
AD5443
90
160
ns
Measured to
± 1 mV of full scale
Digital Delay
40
75
ns
Interface Delay Time
10% to 90% Rise/Fall Time
15
30
ns
Rise and fall time, VREF = 10 V, RLOAD = 100
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around major carry, VREF = 0 V
Multiplying Feedthrough Error
DAC latch loaded with all 0s. VREF =
±3.5 V
70
dB
1 MHz
48
dB
10 MHz
Output Capacitance
IOUT22225pF
All 0s loaded
10
12
pF
All 1s loaded
IOUT11217pF
All 0s loaded
25
30
pF
All 1s loaded
Digital Feedthrough
0.1
nV-s
Feedthrough to DAC output with
SYNC high and
alternate loading of all 0s and all 1s
Total Harmonic Distortion
–81
dB
VREF = 3.5 V pk-pk; all 1s loaded, f = 1 kHz
Digital THD Clock = 1 MHz
50 kHz fOUT
73
dB
Output Noise Spectral Density
25
nV/
√Hz
@ 1 kHz


Similar Part No. - AD5432YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5432YRM AD-AD5432YRM Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432YRMZ AD-AD5432YRMZ Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432YRMZ-REEL AD-AD5432YRMZ-REEL Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432YRMZ-REEL7 AD-AD5432YRMZ-REEL7 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Similar Description - AD5432YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com