Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F1101AIPWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1101AIPWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1101AIPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button MSP430F1101AIPWR Datasheet HTML 14Page - Texas Instruments MSP430F1101AIPWR Datasheet HTML 15Page - Texas Instruments MSP430F1101AIPWR Datasheet HTML 16Page - Texas Instruments MSP430F1101AIPWR Datasheet HTML 17Page - Texas Instruments MSP430F1101AIPWR Datasheet HTML 18Page - Texas Instruments MSP430F1101AIPWR Datasheet HTML 19Page - Texas Instruments MSP430F1101AIPWR Datasheet HTML 20Page - Texas Instruments MSP430F1101AIPWR Datasheet HTML 21Page - Texas Instruments MSP430F1101AIPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
optional resistors, individually programmable with ROM code (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R(opt1)
2.5
5
10
k
R(opt2)
3.8
7.7
15
k
R(opt3)
7.6
15
31
k
R(opt4)
11.5
23
46
k
R(opt5)
Resistors, individually programmable with ROM code, all port pins,
VCC = 2.2 V/3 V
23
45
90
k
R(opt6)
Resistors, individually programmable with ROM code, all port pins,
values applicable for pulldown and pullup
VCC = 2.2 V/3 V
46
90
180
k
R(opt7)
values applicable for pulldown and pullup
70
140
280
k
R(opt8)
115
230
460
k
R(opt9)
160
320
640
k
R(opt10)
205
420
830
k
NOTE 1: Optional resistors Roptx for pulldown or pullup are not available in standard flash memory device MSP430F11x1A.
wake-up from lower power modes (LPMx)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(LPM0)
VCC = 2.2 V/3 V
100
ns
t(LPM2)
VCC = 2.2 V/3 V
100
ns
f(MCLK) = 1 MHz,
VCC = 2.2 V/3 V
6
t(LPM3)
Delay time (see Note 1)
f(MCLK) = 2 MHz,
VCC = 2.2 V/3 V
6
µs
t(LPM3)
Delay time (see Note 1)
f(MCLK) = 3 MHz,
VCC = 2.2 V/3 V
6
µs
f(MCLK) = 1 MHz,
VCC = 2.2 V/3 V
6
t(LPM4)
f(MCLK) = 2 MHz,
VCC = 2.2 V/3 V
6
µs
t(LPM4)
f(MCLK) = 3 MHz,
VCC = 2.2 V/3 V
6
µs
NOTE 1: Parameter applicable only if DCOCLK is used for MCLK.
RAM
PARAMETER
MIN
NOM
MAX
UNIT
V(RAMh)
CPU halted (see Note 1)
1.6
V
NOTE 1: This parameter defines the minimum supply voltage VCC when the data in the program memory RAM remains unchanged. No program
execution should happen during this supply voltage condition.


Similar Part No. - MSP430F1101AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F1101AIPWR TI-MSP430F1101AIPWR Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
MSP430F1101AIPWR TI-MSP430F1101AIPWR Datasheet
947Kb / 40P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1101AIPWR TI-MSP430F1101AIPWR Datasheet
876Kb / 43P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1101AIPWR TI1-MSP430F1101AIPWR Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
More results

Similar Description - MSP430F1101AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com