Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1166.224NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P1166.224NL
Description  Shielded Drum Core
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P1166.224NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P1166.224NL Datasheet HTML 1Page - Pulse A Technitrol Company P1166.224NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
34
SPM2007 (11/07)
SMT POWER INDUCTORS
Shielded Drum Core - P1166NL Series
SUGGESTED PAD LAYOUT
.083
2,11
.287
7,29
.197
5,00
XXX
1
2
.297
7,54
.297
7,54
MAX
MAX
.197
5,00
.083
2,11
1
2
MAX
.138
3,51
1
2
.472
12,00
.630
16,00
.165
4,20
TAPE & REEL LAYOUT
.301
7,65
Weight . . . . . . . . 0.7 grams
Tape & Reel . . . . . 1200/reel
Part 2,3
Inductance
Inductance
Irated 5
DCR (m
Ω
Ω)
Saturation
6
Heating
7
Core Loss
8
SRF
Number
@0A DC
@Irated
(A DC)
Current
Current
Factor
(MHz)
(
μH ±20%)(μH) MIN
TYP
MAX
-25% (A)
+40°C(A)
(K2)
P1166.681NL
0.68 *
0.44
5.5
5.0
6.0
5.9
5.5
380
>40
P1166.102NL
1.00 *
0.65
4.9
6.2
7.5
5.2
4.9
440
>40
P1166.162NL
1.60 *
1.0
4.0
7.8
11
4.0
4.4
570
>40
P1166.302NL
3.00 *
2.0
2.8
19
23
3.0
2.8
780
>40
P1166.482NL
4.80 *
3.1
2.4
25
31
2.4
2.5
990
>40
P1166.682NL
6.80 *
4.4
2.1
32
40
2.1
2.2
1200
38
P1166.103NL
10
7.5
1.6
58
70
1.8
1.6
1400
29
P1166.123NL
12
9.0
1.5
62
78
1.7
1.5
1500
25
P1166.153NL
15
11.3
1.4
74
92
1.5
1.4
1700
22
P1166.183NL
18
13.5
1.2
100
124
1.4
1.2
1800
21
P1166.223NL
22
16.5
1.2
106
126
1.2
1.2
2000
20
P1166.273NL
27
20.3
1.0
146
180
1.1
1.0
2300
17
P1166.333NL
33
24.8
0.94
167
205
1.0
0.94
2400
15
P1166.393NL
39
29.3
0.86
183
211
0.86
0.90
2700
13
P1166.473NL
47
35.3
0.83
206
260
0.83
0.85
2900
12
P1166.563NL
56
42.0
0.73
271
340
0.73
0.74
3300
11
P1166.683NL
68
51.0
0.67
303
370
0.67
0.70
3600
9.5
P1166.823NL
82
61.5
0.60
411
500
0.61
0.60
4000
8.0
P1166.104NL
100
75.0
0.56
464
580
0.56
0.57
4300
7.5
P1166.124NL
120
90.0
0.53
528
645
0.55
0.53
4700
7.0
P1166.154NL
150
113
0.46
695
860
0.46
0.46
5300
6.3
P1166.184NL
180
135
0.39
992
1190
0.42
0.39
5800
5.6
P1166.224NL
220
165
0.35
1210
1480
0.37
0.35
6400
5.1
P1166.274NL
270
203
0.32
1407
1750
0.32
0.33
7100
4.6
P1166.334NL
330
248
0.31
1580
1880
0.31
0.31
7800
4.1
P1166.394NL
390
293
0.26
2178
2600
0.29
0.26
8500
3.9
P1166.474NL
470
353
0.25
2400
2910
0.26
0.25
9500
3.6
P1166.564NL
560
420
0.23
2705
3400
0.23
0.23
10000
3.1
P1166.684NL
680
510
0.20
3658
4450
0.21
0.20
11000
2.7
P1166.824NL
820
615
0.17
5021
6200
0.20
0.17
13000
2.5
P1166.105NL
1000
750
0.15
6720
8000
0.16
0.15
14000
1.3
* Inductance at 0A DC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts.
NOTES FROM TABLE: (See page 43)
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
Height: 3.8mm Max
Footprint: 7.5mm x 7.5mm Max
Current Rating: up to 5.5A
Inductance Range: .44µH to 750µH
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Mechanical
Schematic


Similar Part No. - P1166.224NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1166 PULSE-P1166 Datasheet
190Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1168NL/P1169NL Series
P1166 PULSE-P1166 Datasheet
490Kb / 3P
   SMT Power Inductors
02/19
P1166 PULSE-P1166 Datasheet
213Kb / 2P
   SMT POWER INDUCTORS
P1166 PULSE-P1166 Datasheet
190Kb / 2P
   Shielded Drum Core
P1166 PULSE-P1166 Datasheet
213Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - P1166.224NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1167NL PULSE-P1167NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0085NL PULSE-PG0085NL Datasheet
190Kb / 2P
   Shielded Drum Core
PG0087NL PULSE-PG0087NL Datasheet
264Kb / 2P
   Shielded Drum Core
P1170.901NL PULSE-P1170.901NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
   Shielded Drum Core
PA4334.221NLT PULSE-PA4334.221NLT Datasheet
321Kb / 3P
   Shielded Drum Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com