Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3288.151HL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA3288.151HL
Description  Power Beads - PA3288.XXXHL Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA3288.151HL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA3288.151HL Datasheet HTML 1Page - Pulse A Technitrol Company PA3288.151HL Datasheet HTML 2Page - Pulse A Technitrol Company PA3288.151HL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P696.C (5/13)
3
pulseelectronics.com
SMT POWER INDUCTORS
Power Beads - PA3288.XXXHL Series
Pulse Jack
E l e c t r o n i c s
PA3288.XXXHL CoreLoss (W)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0500
1000
1500
2000
2500
B
where B = 0.46 * L(nH) * I
200
KHz
PA3288.XXXHL Temp Rise vs Power Dissipation
0
10
20
30
40
50
00.2
0.40.6
0.811.2
1.41.6
Power (W)
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms^2 * Rdc(mOhms) / 1000
CoreLoss = (from table)
PA3288.XXXHL CoreLoss (W)
PA3288.XXXHL Temp Rise vs Power Dissipation
Δ B
Where Δ B = 0.46 * L (nH) * Δ I
Power (W)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
50
0
0
500
200
300
400
500
600
700
KHz
KHz
KHz
KHz
KHz
KHz
1000
1500
2000
2500
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms^2 * Rdc(mOhms) / 1000
CoreLoss = (from table)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2013. Pulse Electronics, Inc. All rights reserved.


Similar Part No. - PA3288.151HL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA3288.151HL PULSE-PA3288.151HL Datasheet
439Kb / 3P
   SMT Power Inductors
More results

Similar Description - PA3288.151HL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4025.151HL PULSE-PA4025.151HL Datasheet
823Kb / 3P
   Power Beads - PA4025.XXXHL Series
PA2983.230HLT PULSE-PA2983.230HLT Datasheet
532Kb / 2P
   Power Beads - PA2983.XXXHL Series
PA3136.101HL PULSE-PA3136.101HL Datasheet
795Kb / 2P
   Power Beads - PA3136.XXXHL Series
PA4085.121HL PULSE-PA4085.121HL Datasheet
858Kb / 3P
   Power Beads - PA4085.XXXHL Series
PA3784.121HL PULSE-PA3784.121HL Datasheet
762Kb / 3P
   Power Beads - PA3784.XXXHL Series
PA4272.121HL PULSE-PA4272.121HL Datasheet
418Kb / 3P
   Power Beads - PA4272.XXXHL Series
PA2982.101HL PULSE-PA2982.101HL Datasheet
739Kb / 3P
   Power Beads - PA2982.XXXHL Series
PA3146.121HL PULSE-PA3146.121HL Datasheet
290Kb / 3P
   Power Beads - PA3146.XXXHL Series
PA3779.141HL PULSE-PA3779.141HL Datasheet
763Kb / 3P
   Power Beads - PA3779.XXXHL Series
PA4060.121HL PULSE-PA4060.121HL Datasheet
617Kb / 2P
   Power Beads - PA4060.XXXHL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com