Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1211.101NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA1211.101NLT
Description  Power Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1211.101NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA1211.101NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA1211.101NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA1211.101NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA1211.101NLT Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
pulseelectronics.com
SMT Power Inductors
Power Beads - PA051XNL, PA121XNL, PA151XNL Series
SPM2007 (06/13)
Current Rating: Over 70Apk
Inductance Range: 72nH to 470nH
Four Package Sizes:
PA0512/PA1212: 7.0 x 7.0 x 4.96mm Max
PA0511/PA1211: 10.2 x 7.0 x 4.96mm Max
PA0515: 11.2 x 11.2 x9.0mm Max
PA0513/PA1513: 13.5 x 13.0 x 8.0mm Max
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Part
Number
Inductance
@ 0ADC
(nH ±20%)
Inductance
@ Irated
(nH TYP)
Irated
(ADC)
DCR
(m
Ω)
Saturation Current
(TYP)
Heating
Current
(A TYP)
25°C
100°C
PA0512.700NLT
72
72
31
58
45
PA0512.101NLT
105
102
31
0.32 ±9.4%
46
38
31
PA0512.151NLT
150
134
24
30
24
PA1212.700NLT
72
72
31
58
45
PA1212.101NLT
105
102
31
0.46 ±6.5%
46
38
31
PA1212.151NLT
150
134
24
30
24
PA0511.850NLT
85
85
31
70+
70
PA0511.900NLT
100
100
31
70
65
PA0511.101NLT
120
120
31
0.39 ±7.7%
52
42
31
PA0511.151NLT
155
150
31
40
36
PA0511.221NLT
220
176
25
33
25
PA1211.850NLT *
85
85
31
70+
70
PA1211.900NLT *
100
100
31
70
65
PA1211.101NLT
120
120
31
0.55 ±7.3%
52
42
31
PA1211.151NLT
155
150
31
40
36
PA1211.221NLT
220
176
25
33
25
PA0515.221NLT
225
225
35
68
59
PA0515.271NLT
270
280
35
50
44
PA0515.321NLT
325
325
35
43
36
PA0515.471NLT
470
380
23
30
23
1
2
3
4
7, 8
0.63 ±9.5%
PA0512NL and PA1212NL - 7.0mm x 7.0mm x 4.96mm Max
PA0511NL and PA1211NL - 10.2mm x 7.0mm x 4.96mm Max
PA0515NL - 11.2mm x 11.2mm x 9.0mm Max
35
44


Similar Part No. - PA1211.101NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1211.101NLT PULSE-PA1211.101NLT Datasheet
1Mb / 5P
   SMT Power Inductors
More results

Similar Description - PA1211.101NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2492HL PULSE-PA2492HL Datasheet
535Kb / 2P
   Power Beads
PA2891.211HL PULSE-PA2891.211HL Datasheet
736Kb / 3P
   Power Beads
PA1312AHL PULSE-PA1312AHL Datasheet
684Kb / 2P
   Power Beads
PA1320NL PULSE-PA1320NL Datasheet
97Kb / 2P
   SMT POWER INDUCTORS Power Beads
PA2080NL PULSE-PA2080NL Datasheet
142Kb / 6P
   THT POWER INDUCTORS Power Beads
logo
Rhombus Industries Inc.
L-12000 RHOMBUS-IND-L-12000 Datasheet
22Kb / 1P
   Power Line Chokes (Beads)
logo
Pulse A Technitrol Comp...
PA2083NL PULSE-PA2083NL Datasheet
748Kb / 2P
   Power Beads - PA2083NL Series
PA1682NL PULSE-PA1682NL Datasheet
423Kb / 2P
   Power Beads - PA1682NL Series
PA2509NL PULSE-PA2509NL Datasheet
334Kb / 2P
   Power Beads - PA2509NL Series
PA4060.121HL PULSE-PA4060.121HL Datasheet
617Kb / 2P
   Power Beads - PA4060.XXXHL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com