Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2509.101NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA2509.101NL
Description  Power Beads - PA2509NL Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2509.101NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA2509.101NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2509.101NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P672.D (06/16)
1
pulseelectronics.com
SMT Power Inductors
Power Beads - PA2509NL Series
Current Rating: Over 75Apk
Inductance Range: 70nH to 200nH
Height: 8.0mm Max
Footprint: 7.0mm x 8.5mm Max
USA 858 674 8100
Germany 49 2354 777 100
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Part
Number
Inductance
@ 0ADC
(nH ±10%)
Inductance
@ Irated
(nH TYP)
Irated
(ADC)
DCR
(m )
Saturation Current
(A TYP)
Heating
Current
(A TYP)
25°C
100°C
PA2509.700NL
70
70
30
107
75+
PA2509.900NL
90
90
30
83
75
PA2509.101NL
105
105
30
75
66
PA2509.121NL
120
120
30
64
58
PA2509.161NL
160
160
30
48
43
PA2509.201NL
200
190
30
36
31
Notes:
1. The rated current as listed is either the saturation current or the heating current depending
on which value is lower.
2. The nominal DCR is measured from point a to point b , as shown on the mechanical
drawing below.
3. The saturation current is the typical current which causes the inductance to drop by 20% at
the stated ambient temperatures (25°C and 100°C). This current is determined by placing the
component in the specified ambient environment and applying a short duration pulse
current (to eliminate self-heating e ects) to the component.
4. The heating current is the DC current which causes the part temperature to increase by
approximately 40°C. This current is determined by soldering the component on a typical
application PCB, and then applying the current to the device for 30 minutes.
7
1
2
3
4
0.35 ±8.5%
33
5. In high volt*time applications, additional heating in the component can occur due to
core losses in the inductor which may necessitate derating the current in order to limit
the temperature rise of the component. To determine the approximate total losses (or
temperature rise) for a given application, the coreloss and temperature rise curves can
be used.
6. Optional tape and reel packaging can be ordered by adding a “T” su x to the part
number (i.e. PA2509.121NL becomes PA2509.121NLT). Pulse complies to industry
standard tape and reel specification EIA481. The tape and reel for this product has a
width (W=24mm), pitch (Po=16.0mm) and depth (Ko=8.9mm).
7. The temperature of the component (ambient plus temperature rise) must be within the
stated operating temperature range.
PA2509.XXXNL
Mechanical
Schematic
Weight ................................1.5 grams
Tape & Reel .........................500/reel
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25


Similar Part No. - PA2509.101NL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA25 ETC-PA25 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
API Technologies Corp
PA25-1227-008SA APITECH-PA25-1227-008SA Datasheet
93Kb / 1P
   UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA25-1575-008SA APITECH-PA25-1575-008SA Datasheet
289Kb / 1P
   UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA25-1579-008SA APITECH-PA25-1579-008SA Datasheet
330Kb / 1P
   UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
PA25-1615-025SA APITECH-PA25-1615-025SA Datasheet
320Kb / 1P
   UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
More results

Similar Description - PA2509.101NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2083NL PULSE-PA2083NL Datasheet
748Kb / 2P
   Power Beads - PA2083NL Series
PA1682NL PULSE-PA1682NL Datasheet
423Kb / 2P
   Power Beads - PA1682NL Series
PA2492HL PULSE-PA2492HL Datasheet
535Kb / 2P
   Power Beads
PA2891.211HL PULSE-PA2891.211HL Datasheet
736Kb / 3P
   Power Beads
PA1312AHL PULSE-PA1312AHL Datasheet
684Kb / 2P
   Power Beads
PA4025.151HL PULSE-PA4025.151HL Datasheet
823Kb / 3P
   Power Beads - PA4025.XXXHL Series
PA2983.230HLT PULSE-PA2983.230HLT Datasheet
532Kb / 2P
   Power Beads - PA2983.XXXHL Series
PG2289.101HLT PULSE-PG2289.101HLT Datasheet
370Kb / 3P
   Power Beads - PG2289.XXXHLT Series
2021
PGL6189.500HLT PULSE-PGL6189.500HLT Datasheet
417Kb / 3P
   Power Beads - PGL6189.XXXHLT Series
2021
PA051XNL PULSE-PA051XNL Datasheet
1Mb / 4P
   Power Beads
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com