Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495X476M035ATE200 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T495X476M035ATE200
Description  Tantalum, MnO2 Tantalum, T495, 47 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, 4.3mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495X476M035ATE200 Datasheet(HTML) 1 Page - Kemet Corporation

  T495X476M035ATE200 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - dd9ad3e1-6fbe-49ce-b6cd-a800ed8d06b5
KEMET Part Number: T495X476M035ATE200
(B45035E4769M207)
Tantalum, MnO2 Tantalum, T495, 47 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, 4.3mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
4mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
E
3.5mm REF
G
3.5mm REF
P
1.7mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 652.04 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T495
Description: SMD, MnO2, Molded, Low ESR
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 47 uF
Capacitance Tolerance: 20%
Voltage DC: 35 VDC (85C), 23.45 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 8%
Failure Rate: N/A
Resistance: 200 mOhms (100kHz)
Current:
908 mAmps (25C), 817.2
mAmps (85C), 363.2 mAmps
(125C)
Leakage: 16.5 uAmps
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T495X476M035ATE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
More results

Similar Description - T495X476M035ATE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476K035ATE300 KEMET-T495X476K035ATE300 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, 4.3mm
T495X476K035ATE185 KEMET-T495X476K035ATE185 Datasheet
81Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 185 mOhms, Height Max = 4.3mm
T495X476K035ATE230 KEMET-T495X476K035ATE230 Datasheet
81Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 230 mOhms, Height Max = 4.3mm
T495X226K035ATE260 KEMET-T495X226K035ATE260 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 260 mOhms, 4.3mm
T495X106K035ATE200 KEMET-T495X106K035ATE200 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, Height Max = 4.3mm
T495X226K035ATE200 KEMET-T495X226K035ATE200 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, Height Max = 4.3mm
T495X476K020ATE065 KEMET-T495X476K020ATE065 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, Low ESR, 65 mOhms, Height Max = 4.3mm
T495X476K020ATE150 KEMET-T495X476K020ATE150 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 4.3mm
T495X226M035ATE275 KEMET-T495X226M035ATE275 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 22 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 275 mOhms, Height Max = 4.3mm
T495X107M016ATE100 KEMET-T495X107M016ATE100 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 100 uF, 20%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, 4.3mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com