Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2734 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2734
Description  14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2734 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2734 Datasheet HTML 1Page - New Japan Radio NJM2734 Datasheet HTML 2Page - New Japan Radio NJM2734 Datasheet HTML 3Page - New Japan Radio NJM2734 Datasheet HTML 4Page - New Japan Radio NJM2734 Datasheet HTML 5Page - New Japan Radio NJM2734 Datasheet HTML 6Page - New Japan Radio NJM2734 Datasheet HTML 7Page - New Japan Radio NJM2734 Datasheet HTML 8Page - New Japan Radio NJM2734 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NJM8530/NJM8532/NJM8534
Ver.03
[
5]
■ ELECTRICAL CHARACTERISTICS (V+=1.8V, V-=0V, VCOM=0.9V, Ta=25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
INPUT CHARACTERISTICS
Input Offset Voltage
VIO
-
1
4
mV
Input Offset Voltage Drift
ΔVIO/ΔT
Ta=-40°C to +125°C
-
2.4
-
µV/°C
Input Bias Current
IB
-
50
250
nA
Input Offset Current
IIO
-
5
100
nA
Open-Loop Voltage Gain
AV
RL=2kΩ to 0.9V
60
83
-
dB
Common-Mode Rejection Ratio
CMR
(5)
40
55
-
dB
Common-Mode Input Voltage Range
VICM
CMR≥40dB
0
-
1.8
V
OUTPUT CHARACTERISTICS
High-level Output Voltage
VOH
RL=20kΩ to 0.9V
1.7
1.75
-
V
RL=2kΩ to 0.9V
1.55
1.65
-
V
Low-level Output Voltage
VOL
RL=20kΩ to 0.9V
-
0.05
0.1
V
RL=2kΩ to 0.9V
-
0.15
0.25
V
Short-Circuit Output Current
ISC
Sourcing
-
18
-
mA
Sinking
-
4.7
-
mA
POWER SUPPLY
Supply Current (All Amplifiers)
ISUPPLY
No Signal
NJM8530
240
430
μA
NJM8532
-
460
800
μA
NJM8534
-
900
1600
μA
Supply Voltage Rejection Ratio
SVR
V
+=1.8V to 2.4V
65
80
-
dB
AC CHARACTERISTICS
Slew Rate
SR
RL=2kΩ to 0.9V
-
0.3
-
V/μs
Gain Bandwidth Product
GBW
RL=2kΩ to 0.9V
-
1
-
MHz
Phase Margin
Φm
RL=2kΩ to 0.9V
-
75
-
Deg
Equivalent Input Noise Voltage
en
f=1kHz
-
10
-
nV/√Hz
Channel Separation
CS
f=1kHz, Vo=0.4Vrms
NJM8532/NJM8534
-
-125
-
dB
(5) CMR specified is the lower of the CMR+ and CMR-.
CMR+ measured with V
+/2≤VCM≤V+, and CMR- measured with V-≤VCM≤V+/2.


Similar Part No. - NJM2734

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2734 NJRC-NJM2734 Datasheet
432Kb / 12P
   Full-Swing Input and Output type Quad Operational Amplifier
NJM2734D NJRC-NJM2734D Datasheet
432Kb / 12P
   Full-Swing Input and Output type Quad Operational Amplifier
NJM2734E NJRC-NJM2734E Datasheet
432Kb / 12P
   Full-Swing Input and Output type Quad Operational Amplifier
NJM2734M NJRC-NJM2734M Datasheet
432Kb / 12P
   Full-Swing Input and Output type Quad Operational Amplifier
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
   Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
More results

Similar Description - NJM2734

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7028 NJRC-NJU7028 Datasheet
320Kb / 10P
   13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7067 NJRC-NJU7067 Datasheet
396Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Dual CMOS Operational Amplifier
Ver.01
NJU7068 NJRC-NJU7068 Datasheet
413Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com