Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5K174-K20S3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # P5K174-K20S3
Description  Calibration Adaptor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

P5K174-K20S3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  P5K174-K20S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG P5K174-K20S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Calibration Adaptor
RPC-N 75
Ω Jack – F 75 Ω Jack
P5K174-K20S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Frequency
DC to 4 GHz
Return loss
≥ 32 dB, DC to 3 GHz
≥ 28 dB, 3 GHz to 4 GHz
Mechanical data
Mating cycles
≥ 500
RPC-N 75
F 75
Maximum torque
1.70 Nm
6.78 Nm
Recommended torque
1.10 Nm
2.00 Nm
Gauge
5.18 mm to 5.26 mm
0.00 mm to 0.10 mm
Accommodate male contact diameter
0.76 mm to 0.86 mm
Environmental data
Operating temperature range
1
+20 °C to +26 °C
Rated temperature range of use
2
0 °C to +50 °C
Storage temperature range
-40 °C to +85 °C
RoHS
compliant
1
Temperature range over which these specifications are valid.
2
This range is underneath and above the operating temperature range, within the open circuit is fully functional
and could be used without damage.
Declaration of calibration options
Factory Calibration
Standard delivery for this calibration standard includes a Factory Calibration. The Calibration Certificate
issued reports individual calibration results, traceable to Rosenberger standards, national / international
standards are not available. Model based standard definitions are reported in an Agilent/Keysight,
Rohde & Schwarz and Anritsu compatible VNA format.
Accredited Calibration
Not available.
For further, more detailed information see application note AN001 on the Rosenberger homepage.
Calibration interval
Recommendation
12 months
Packing
Standard
1 pce in box
Weight
42.4 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Marcel Panicke
04.05.15
Martin Moder
08.05.15
e00
14-1492
Herbert Babinger
08.05.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - P5K174-K20S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
P5K171-K2AS3 ROSENBERGER-P5K171-K2AS3 Datasheet
646Kb / 3P
   Calibration Kit
P5K171-K2AS3 ROSENBERGER-P5K171-K2AS3 Datasheet
109Kb / 3P
   Calibration Adaptor
P5K171-S2AS3 ROSENBERGER-P5K171-S2AS3 Datasheet
646Kb / 3P
   Calibration Kit
P5K171-S2AS3 ROSENBERGER-P5K171-S2AS3 Datasheet
100Kb / 3P
   Calibration Adaptor
More results

Similar Description - P5K174-K20S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
09S121-S20S3 ROSENBERGER-09S121-S20S3 Datasheet
88Kb / 3P
   Calibration Adaptor
P5S174-K20S3 ROSENBERGER-P5S174-K20S3 Datasheet
86Kb / 2P
   Calibration Adaptor
51K121-K20S3 ROSENBERGER-51K121-K20S3 Datasheet
94Kb / 3P
   Calibration Adaptor
64S121-S20S3 ROSENBERGER-64S121-S20S3 Datasheet
561Kb / 3P
   Calibration Adaptor
64S121-K20S3 ROSENBERGER-64S121-K20S3 Datasheet
571Kb / 3P
   Calibration Adaptor
03K128-K20N3 ROSENBERGER-03K128-K20N3 Datasheet
506Kb / 3P
   Calibration Adaptor
153QS105-S20S3 ROSENBERGER-153QS105-S20S3 Datasheet
725Kb / 3P
   Calibration Adaptor
05K165-K20S3 ROSENBERGER-05K165-K20S3 Datasheet
666Kb / 3P
   Calibration Adaptor
64K121-K20S3 ROSENBERGER-64K121-K20S3 Datasheet
575Kb / 3P
   Calibration Adaptor
P5K171-K2AS3 ROSENBERGER-P5K171-K2AS3 Datasheet
109Kb / 3P
   Calibration Adaptor
P5S171-S2AS3 ROSENBERGER-P5S171-S2AS3 Datasheet
113Kb / 3P
   Calibration Adaptor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com