Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2730 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2730
Description  14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2730 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2730 Datasheet HTML 3Page - New Japan Radio NJM2730 Datasheet HTML 4Page - New Japan Radio NJM2730 Datasheet HTML 5Page - New Japan Radio NJM2730 Datasheet HTML 6Page - New Japan Radio NJM2730 Datasheet HTML 7Page - New Japan Radio NJM2730 Datasheet HTML 8Page - New Japan Radio NJM2730 Datasheet HTML 9Page - New Japan Radio NJM2730 Datasheet HTML 10Page - New Japan Radio NJM2730 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NJM8530/NJM8532/NJM8534
Ver.03
[
7]
■ TYPICAL CHARACTERISTICS (V-=0V, Ta=25°C, unless otherwise noted.)
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
-1
14
Common-Mode Input Voltage [V]
Input Offset Voltage
vs. Common-Mode Input Voltage
V+=14V
Ta=-40ºC
Ta=25ºC
Ta=125ºC
0
2
4
6
8
10
12
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
-1
0
1
2
3
4
5
6
Common-Mode Input Voltage [V]
Input Offset Voltage
vs. Common-Mode Input Voltage
V+=5V
Ta=-40ºC
Ta=25ºC
Ta=125ºC
0%
5%
10%
15%
20%
25%
30%
35%
-2.4 -2.0 -1.6 -1.2 -0.8 -0.4 0.0 0.4 0.8 1.2
Input Offset Voltage [mV]
Input Offset Voltage Distribution
V+=1.8V, VCOM=V+/2, Ta=25ºC
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
-6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 10.0
Input Offset Voltage Drift [μV/ºC]
Input Offset Voltage Drift Distribution
V+=14V, VCOM=V+/2
0%
5%
10%
15%
20%
25%
30%
35%
40%
-6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 10.0
Input Offset Voltage Drift [μV/ºC]
Input Offset Voltage Drift Distribution
V+=1.8V, VCOM=V+/2
0%
5%
10%
15%
20%
25%
30%
35%
40%
-6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 10.0
Input Offset Voltage Drift [μV/ºC]
Input Offset Voltage Drift Distribution
V+=5V, VCOM=V+/2


Similar Part No. - NJM2730

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
NJM2730 NJRC-NJM2730 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
NJM2730F NJRC-NJM2730F Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results

Similar Description - NJM2730

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7028 NJRC-NJU7028 Datasheet
320Kb / 10P
   13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7067 NJRC-NJU7067 Datasheet
396Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Dual CMOS Operational Amplifier
Ver.01
NJU7068 NJRC-NJU7068 Datasheet
413Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com