Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812S104K1RACTU Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1812S104K1RACTU
Description  Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812S104K1RACTU Datasheet(HTML) 3 Page - Kemet Corporation

  C1812S104K1RACTU Datasheet HTML 1Page - Kemet Corporation C1812S104K1RACTU Datasheet HTML 2Page - Kemet Corporation C1812S104K1RACTU Datasheet HTML 3Page - Kemet Corporation C1812S104K1RACTU Datasheet HTML 4Page - Kemet Corporation C1812S104K1RACTU Datasheet HTML 5Page - Kemet Corporation C1812S104K1RACTU Datasheet HTML 6Page - Kemet Corporation C1812S104K1RACTU Datasheet HTML 7Page - Kemet Corporation C1812S104K1RACTU Datasheet HTML 8Page - Kemet Corporation C1812S104K1RACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1014_X7R_FE-CAP_SMD • 10/14/2016
3
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 – 50 VDC (Commercial & Automotive Grade)
Automotive C-Spec Information
KEMET Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council.
Details regarding test methods and conditions are referenced in document AEC–Q200, Stress Test Qualification for Passive
Components. These products are supported by a Product Change Notification (PCN) and Production Part Approval Process
warrant (PPAP).
Automotive products offered through our distribution channel have been assigned an inclusive ordering code C-Spec,
“AUTO”. This C-Spec was developed in order to better serve small and medium sized companies that prefer an automotive
grade component without the requirement to submit a customer Source Controlled Drawing (SCD) or specification for review
by a KEMET engineering specialist. This C-Spec is therefore not intended for use by KEMET’s OEM Automotive customers
and are not granted the same “privileges” as other automotive C-Specs. Customer PCN approval and PPAP request levels are
limited (see details below).
Product Change Notification (PCN)
The KEMET Product Change Notification system is used to communicate primarily the following types of changes:
• Product/process changes that affect product form, fit, function, and/or reliability
• Changes in manufacturing site
• Product obsolescence
KEMET Automotive
C-Spec
Customer Notification due to:
Days prior to
implementation
Process/Product change
Obsolescence*
KEMET assigned1
Yes (with approval and sign off)
Yes
180 days Minimum
AUTO
Yes (without approval)
Yes
90 days Minimum
1
KEMET assigned C-Specs require the submittal of a customer SCD or customer specification for review. For additional information contact KEMET.
Production Part Approval Process (PPAP)
The purpose of the Production Part Approval Process is:
• To ensure that supplier can meet the manufacturability and quality requirements for the purchased parts.
• To provide the evidence that all customer engineering design record and specification requirements are properly
understood and
fulfilled by the manufacturing organization.
• To demonstrate that the established manufacturing process has the potential to produce the part
KEMET Automotive
C-Spec
PPAP (Product Part Approval Process) Level
1
2
3
4
5
KEMET assigned1
AUTO
1
KEMET assigned C-Specs require the submittal of a customer SCD or customer specification for review. For additional information contact KEMET.
● Part Number specific PPAP available
○ Product family PPAP only


Similar Part No. - C1812S104K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812S103J1RAC KEMET-C1812S103J1RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J2RAC KEMET-C1812S103J2RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J3RAC KEMET-C1812S103J3RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J4RAC KEMET-C1812S103J4RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
C1812S103J5RAC KEMET-C1812S103J5RAC Datasheet
59Kb / 3P
   Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
More results

Similar Description - C1812S104K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1210S332JCGACTU KEMET-C1210S332JCGACTU Datasheet
797Kb / 23P
   Floating Electrode (FE-CAP), High Voltage C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
1/25/2023
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com