Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP-51050 Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # DP-51050
Description  Agent Release Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

DP-51050 Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  DP-51050 Datasheet HTML 1Page - Gamewell-FCI by Honeywell DP-51050 Datasheet HTML 2Page - Gamewell-FCI by Honeywell DP-51050 Datasheet HTML 3Page - Gamewell-FCI by Honeywell DP-51050 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60467 Rev. D page 4 of 4
www.gamewell-fci.com
System Specifications
System Capacity:
Annunciators ............8
Electrical Specifications
Flex GF506R
(FLPS-7 Power Supply): 120 VAC, 50/60 Hz, 2.3 amps
Wire size:
minimum 14 AWG (2.0 mm²)
with 600 V insulation,
supervised, non power-limited
Cabinet Specifications
Door
Dimensions:
19.26" H x 16.82" W x 0.72"
(48.92 H x 42.73 W x 1.82 D cm)
Backbox:
19.00" H x 16.65" W x 5.25" D
Dimensions:
(48.26 H x 42.29 W x 13.34 D cm)
Trim Ring (TR- CE):
Dimensions:
22.00" high x 19.65" wide
(55.88 H x 49.91 W cm)
Shipping Specifications
Dimensions:
-Height 20.00"
(50.80cm)
-Width 22.50"
(57.15cm)
-Depth 8.50"
(21.59cm)
System Specifications (Continued)
Temperature and Humidity Ranges
This system meets NFPA requirements for operation at 0°
–49°C/32° – 120°F and at a relative humidity 93% ± 2%
RH (non-condensing) at 32°C ± 2°C (90°F ± 3°F). How-
ever, the useful life of the system's standby batteries and
the electronic components may be adversely affected by
extreme temperature ranges and humidity. Therefore, it is
recommended that this system and its peripherals be
installed in an environment with a normal room tempera-
ture of 15° – 27°C/60° – 80°F.
NFPA Standards
The Flex GF506R complies with the following NFPA Fire
Alarm Systems requirements:
- NFPA 12 CO2 Extinguishing Systems
(High Pressure Only)
- NFPA 12A Halon 1301 Extinguishing Systems
- NFPA 12B Halon 1211 Extinguishing Systems
- NFPA 72 National Fire Alarm and Signaling Code
- NFPA 2001 Clean Agent Fire Extinguishing System
- NFPA 2010 Standard for Fixed Aerosol Fire-
Extinguishing Systems


Similar Part No. - DP-51050

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
DP-51050 GAMEWELL-FCI-DP-51050 Datasheet
71Kb / 4P
   Pre-action / Deluge Control Panel
More results

Similar Description - DP-51050

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
   Agent Release Control System
logo
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
   Chemical agent monitors
Rev: F
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
logo
List of Unclassifed Man...
CST-2825 ETC2-CST-2825 Datasheet
137Kb / 1P
   Multi-Purpose Iron Complexing Agent
logo
Monolithic Power System...
MP111 MPS-MP111 Datasheet
366Kb / 13P
   Dying Gasp Storage and Release Control IC
MP201 MPS-MP201 Datasheet
326Kb / 12P
   Dying Gasp Storage and Release Control IC
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF240IESE020 SCHNEIDER-HFNF240IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com