Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4XTMF Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part No. 4XTMF
Description  Agent Release Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

4XTMF Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  4XTMF Datasheet HTML 1Page - Gamewell-FCI by Honeywell 4XTMF Datasheet HTML 2Page - Gamewell-FCI by Honeywell 4XTMF Datasheet HTML 3Page - Gamewell-FCI by Honeywell 4XTMF Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
9021-60467 Rev. D page 3 of 4
Features (Continued)
Notification Appliance and Releasing Circuit(s) -
TB5 and TB7 (Continued)
Strobe synchronization
Special Application power
Supervised and Class 2 Power-Limited circuitry
Normal Operating
Voltage:
Nominal 24 VDC
Maximum Signaling
Current:
7.0 amps (3.0 amps
maximum per NAC)
End-of-Line Resistor:
4.7KOhms, 1/2 watt
(PN71252)
Max. Wiring Voltage
Drop:
2 VDC
For a list of compatible devices, refer to the Gamewell-FCI
Device Compatibility Document, P/N: 52195.
Form-C Relays - Programmable - TB8
The Form-C Relays for TB8 specifications are listed below.
Relay 1 (factory default programmed as Alarm Relay).
Relay 2 (factory default programmed as fail-safe
Trouble Relay).
Relay 3 (factory default programmed as Supervisory
Relay).
Relay Contact Ratings:
- 2 amps @ 30 VDC (resistive)
- 2 amps @ 30 VAC (resistive)
Auxiliary Trouble Input – J6
The Auxiliary Trouble Input is an open collector circuit
which can be used to monitor external devices for trouble
conditions. It can be connected to the trouble bus of a
peripheral, such as a power supply, which is compatible
with open collector circuits.
Special Application Resettable Power - TB9
The Special Application Resettable Power - TB9
specifications are listed below.
Operating Voltage:
Nominal 24 VDC
Maximum Available Current: 500 mA - appropriate for
powering 4-wire smoke detectors (see note 1).
Class 2 Power-Limited circuitry
For a list of compatible devices, refer to the Gamewell-FCI
Device Compatibility Document, P/N: 52195.
NOTE 1: Total current for resettable power, non-resettable
power and Output Circuits must not exceed 7.0 amps.
Special Application Resettable or Non-resettable
Power - TB9
The Special Application Resettable or Non-resettable
Power - TB9 specifications are listed below.
Operating Voltage:
Nominal 24 VDC
Maximum Available Current: 500 mA (see Note 1)
Class 2 Power-Limited circuitry
Jumper selectable by JP31 for resettable or non-reset-
table power.
For a list of compatible devices, refer to the Gamewell-FCI
Device Compatibility Document, P/N: 52195.
Product Line Information
Product
Description
GF506R
Six-zone, 24 volt Agent Release Control
Panel (includes backbox, power supply,
technical manual, and a frame & post
operating instruction sheet) for single
and dual hazard agent releasing applica-
tions.
CAC-5X
Class A Converter Module can be used
to convert the Style B (Class B) Initiating
Device Circuits to Style D (Class A) and
Style Y (Class B) Output Circuits to Style
Z (Class A).
Note: Two (2), Class A Converter Modules are required to
convert all four Output Circuits and six Initiating Device
Circuits.
4XTMF
Transmitter Module provides a super-
vised output for the local energy munici-
pal box transmitter and the alarm and
trouble reverse polarity. It includes a dis-
able switch and disable trouble LED.
GFANN-80
LCD Annunciator is a remote LCD
annunciator that mimics the information
displayed on the FACP LCD display. The
recommended wire type is unshielded.
GFANN-LED
Annunciator
Module
provides
three
LEDs for each zone: Alarm, Trouble and
Supervisory. Ships with enclosure (red
and black enclosures available; refer to
P/N: DF-60241).
GFANN-RLY
Relay Module, which can be mounted
inside or outside the cabinet, provides 10
programmable Form-C relays.
DP-51050
Dress panel (red) is available as an
option. The dress panel restricts access
to the system wiring while allowing
access to the membrane switch panel.
TR-CE
Trim-ring (red) is available as an option.
The
trim-ring
allows
semi-flushing
mounting of the cabinet.
BB-17F
Battery box, holds up to two (2) 18 Amp
Hour batteries and the CHG-75.
PRN-6
UL-Listed compatible event printer. Dot-
matrix, tractor-fed paper, 120 VAC.
PRT/PK Cable
Programming cable.
Used to update the FACPs Flash firm-
ware. (It also requires an RS485 to
RS232 converter).


Similar Part No. - 4XTMF

ManufacturerPart No.DatasheetDescription
Honeywell Solid State Electronics Center
Honeywell Solid State E...
4XTMF HONEYWELL-4XTMF Datasheet
72Kb / 2P
   2 and 4 Zone Conventional Fire Alarm Control Panels
Gamewell-FCI by Honeywell
Gamewell-FCI by Honeywe...
4XTMF GAMEWELL-FCI-4XTMF Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
4XTMF GAMEWELL-FCI-4XTMF Datasheet
71Kb / 4P
   Pre-action / Deluge Control Panel
4XTMF GAMEWELL-FCI-4XTMF Datasheet
61Kb / 2P
   5 and 10 Zone Conventional Fire Alarm Control Panels
More results

Similar Description - 4XTMF

ManufacturerPart No.DatasheetDescription
Systemsensor advanced ideas.
Systemsensor advanced i...
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
   Agent Release Control System
Ultralife Corporation.
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
   Chemical agent monitors
Rev: F
Bourns Electronic Solutions
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
Monolithic Power Systems
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
Nuvotem Talema
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
Bourns Electronic Solutions
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL Datasheet
316Kb / 3P
   Diameter Panel Control
D+H Mechatronic AG
D+H Mechatronic AG
GVL8304-K DH-GVL8304-K Datasheet
257Kb / 2P
   CNV control panel
VCM05U DH-VCM05U Datasheet
402Kb / 2P
   CNV control panel
Bourns Electronic Solutions
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL_16 Datasheet
250Kb / 3P
   Diameter Panel Control
Nuvotem Talema
Nuvotem Talema
SFB0320-230-12 TALEMA-SFB0320-230-12 Datasheet
149Kb / 1P
   Control Panel Transformers
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz