Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4XTMF Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part No. 4XTMF
Description  Agent Release Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

4XTMF Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  4XTMF Datasheet HTML 1Page - Gamewell-FCI by Honeywell 4XTMF Datasheet HTML 2Page - Gamewell-FCI by Honeywell 4XTMF Datasheet HTML 3Page - Gamewell-FCI by Honeywell 4XTMF Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60467 Rev. D page 2 of 4
www.gamewell-fci.com
Features (Continued)
ANN-BUS for connection to optional
(up to 8 total of any of the following):
- GFANN-80 Remote LCD Annunciator
- GFANN-S/PG Printer Module
- GFANN-RLY Relay Module
- GFANN-LED Annunciator Module
80-character LCD display (backlit).
Real-time clock/calendar w/daylight savings time
control.
History Log with 256 event storage.
Piezo sounder for alarm, trouble and supervisory.
24 volt DC operation.
Low AC voltage sense.
Outputs Programmable for the following:
- Releasing circuits or NACs
NACs programmable for the following:
- Silence Inhibit
- Auto-Silence
- Strobe Synchronization
- Selective Silence (horn-strobe mute)
- Temporal or Steady Signal
- Silenceable or Non-silenceable
- Release Stage Sounder
Extensive transient protection.
Automatic battery charger with charger supervision.
Optional Dress Panel DP-51050 (red).
Optional Trim Ring TR-CE (red) for semi-flush
mounting the cabinet.
Optional CAC-5X Class A Converter Module for
Outputs and IDCs.
Optional 4XTMF Municipal Box Transmitter Module.
Optional Digital Alarm Communicators (411, 411UD,
411UDAC).
Programming and Software
The programming software offers the following features:
Custom English labels (per point) may be manually
entered or selected from an internal library file.
Programmable Abort operation.
Three programmable Form-C relay outputs.
Pre-programmed and custom application templates.
Continuous fire protection during online programming
at the front panel.
Program Check automatically catches common errors
not linked to any zone or input point.
User Interface
The user interface features are listed below:
Integral 80-character LCD display with backlighting.
Real-time clock/calendar with automatic daylight
savings adjustments.
ANN-Bus for connection to remote annunciators.
Audible or silent walk test capabilities.
Piezo sounder for alarm, trouble, and supervisory.
Features (Continued)
Controls and Indicators
The panel provides the following LED Indicators:
Fire Alarm (red)
Alarm Silenced (yellow)
Supervisory (yellow)
Discharged (red)
Trouble (yellow)
Pre-discharge (red
indicator)
AC Power (green)
Abort (yellow indicator)
Control Buttons
Acknowledge
• System Reset (lamp test)
Alarm Silence
Drill
AC Power – TB1
The AC Power -TB1 for each panel is listed below:
GF506R: 120 VAC, 50/60 Hz, 2.3 amps
Wire size: minimum #14 AWG (2.0 mm2) with 600V
insulation.
Supervised, non power-limited
Battery (sealed lead acid only) – J12:
The Battery (for sealed lead acid only) - J12 specifications
are listed below.
Maximum Charging Circuit - Normal Flat Charge:
- 27.6 VDC @ 1.4 amp. Supervised, non power-limited.
Maximum Charger Capacity:
- 26 Amp Hour battery (two 18 Amp Hour batteries can
be housed in the FACP cabinet. Larger batteries
require separate battery box such as the BB-26 or
BB-55).
Minimum Battery Size:
7 Amp Hour
Initiating Device Circuits - TB4 and TB6
The Initiating Device Circuits for TB4 and TB6
specifications are listed below.
Alarm Zones 1 - 5 on TB4
Alarm Zone 6 on TB6
Supervised and Class 2 Power-Limited circuitry
Style B (Class B) wiring with Style D (Class A) option
Normal Operating
Voltage:
Nominal 20 VDC
Alarm Current:
15 mA minimum
Short Circuit Current:
40 mA max
Maximum Loop
Resistance:
100 Ohms
End-of-Line Resistor:
4.7KOhms, 1/2 watt
(PN 71252)
Standby Current:
4 mA
For a list of compatible devices, refer to the Gamewell-FCI
Device Compatibility Document, P/N: 52195.
Notification Appliance and Releasing Circuit(s) -
TB5 and TB7
The notification appliance and releasing circuits for TB5
and TB7 specifications are listed below.
Four Output Circuits.
Style Y (Class B) or Style Z (Class A) with optional
converter module


Similar Part No. - 4XTMF

ManufacturerPart No.DatasheetDescription
Honeywell Solid State Electronics Center
Honeywell Solid State E...
4XTMF HONEYWELL-4XTMF Datasheet
72Kb / 2P
   2 and 4 Zone Conventional Fire Alarm Control Panels
Gamewell-FCI by Honeywell
Gamewell-FCI by Honeywe...
4XTMF GAMEWELL-FCI-4XTMF Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
4XTMF GAMEWELL-FCI-4XTMF Datasheet
71Kb / 4P
   Pre-action / Deluge Control Panel
4XTMF GAMEWELL-FCI-4XTMF Datasheet
61Kb / 2P
   5 and 10 Zone Conventional Fire Alarm Control Panels
More results

Similar Description - 4XTMF

ManufacturerPart No.DatasheetDescription
Systemsensor advanced ideas.
Systemsensor advanced i...
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
   Agent Release Control System
Ultralife Corporation.
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
   Chemical agent monitors
Rev: F
Bourns Electronic Solutions
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
Monolithic Power Systems
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
Nuvotem Talema
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
Bourns Electronic Solutions
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL Datasheet
316Kb / 3P
   Diameter Panel Control
D+H Mechatronic AG
D+H Mechatronic AG
GVL8304-K DH-GVL8304-K Datasheet
257Kb / 2P
   CNV control panel
VCM05U DH-VCM05U Datasheet
402Kb / 2P
   CNV control panel
Bourns Electronic Solutions
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL_16 Datasheet
250Kb / 3P
   Diameter Panel Control
Nuvotem Talema
Nuvotem Talema
SFB0320-230-12 TALEMA-SFB0320-230-12 Datasheet
149Kb / 1P
   Control Panel Transformers
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz