Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F1101AIPW Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430F1101AIPW
Description  MIXED SIGNAL MICROCONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1101AIPW Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430F1101AIPW Datasheet HTML 10Page - Texas Instruments MSP430F1101AIPW Datasheet HTML 11Page - Texas Instruments MSP430F1101AIPW Datasheet HTML 12Page - Texas Instruments MSP430F1101AIPW Datasheet HTML 13Page - Texas Instruments MSP430F1101AIPW Datasheet HTML 14Page - Texas Instruments MSP430F1101AIPW Datasheet HTML 15Page - Texas Instruments MSP430F1101AIPW Datasheet HTML 16Page - Texas Instruments MSP430F1101AIPW Datasheet HTML 17Page - Texas Instruments MSP430F1101AIPW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
supply current (into VCC) excluding external current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = −40°C to + 85°C,
f(MCLK) = f(SMCLK) = 1 MHz,
VCC = 2.2 V
160
200
C11x1
A
f(MCLK) = f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz
VCC = 3 V
240
300
C11x1
TA = −40°C to + 85°C,
VCC = 2.2 V
1.3
2
TA = −40 C to + 85 C,
f(MCLK) = f(SMCLK) = f(ACLK) = 4096 Hz VCC = 3 V
2.5
3.2
I(AM)
Active mode
TA = −40°C to + 85°C,
fMCLK = f(SMCLK) = 1 MHz,
VCC = 2.2 V
200
250
µA
F11x1A
fMCLK = f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz,
Program executes in flash
VCC = 3 V
300
350
F11x1A
TA = −40°C to + 85°C,
Program executes in flash
VCC = 2.2 V
3
5
A
Program executes in flash
f(MCLK) = f(SMCLK) = f(ACLK) = 4096 Hz VCC = 3 V
11
18
C11x1
TA = −40°C to + 85°C,
f(MCLK) = 0, f(SMCLK) = 1 MHz,
VCC = 2.2 V
30
40
I(CPUOff)
Low-power mode,
C11x1
A
f(MCLK) = 0, f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz
VCC = 3 V
51
60
µA
I(CPUOff)
Low-power mode,
(LPM0)
F11x1A
TA = −40°C to + 85°C,
f(MCLK) = 0, f(SMCLK) = 1 MHz,
VCC = 2.2 V
32
45
µA
F11x1A
A
f(MCLK) = 0, f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz
VCC = 3 V
55
70
I(LPM2)
Low-power mode,
TA = −40°C to + 85°C,
f(MCLK) = f(SMCLK) = 0 MHz,
VCC = 2.2 V
11
14
µA
I(LPM2)
Low-power mode,
(LPM2)
A
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 0
VCC = 3 V
17
22
µA
C11x1
TA = −40°C to + 85°C,
f(MCLK) = f(SMCLK) = 0 MHz,
VCC = 2.2 V
1.2
1.7
C11x1
A
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 1
VCC = 3 V
2
2.7
Low-power mode,
TA = −40°C
0.8
1.2
I(LPM3)
Low-power mode,
(LPM3)
TA = 25°C
f(MCLK) = 0 MHz,
VCC = 2.2 V
0.7
1
µA
I(LPM3)
(LPM3)
F11x1A
TA = 85°C
f(MCLK) = 0 MHz,
f(SMCLK) = 0 MHz,
VCC = 2.2 V
1.6
2.3
µA
F11x1A
TA = −40°C
f(SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz,
SCG0 = 1
1.8
2.2
TA = 25°C
f(ACLK) = 32,768 Hz,
SCG0 = 1
VCC = 3 V
1.6
1.9
TA = 85°C
VCC = 3 V
2.3
3.4
TA = −40°C
0.1
0.5
C11x1
TA = 25°C
f
= 0 MHz,
VCC = 2.2 V/3 V
0.1
0.5
I(LPM4)
Low-power mode,
(LPM4)
C11x1
TA = 85°C
f(MCLK) = 0 MHz,
f(SMCLK) = 0 MHz,
VCC = 2.2 V/3 V
0.4
0.8
µA
I(LPM4)
Low-power mode,
(LPM4)
TA = −40°C
f(SMCLK) = 0 MHz,
f(ACLK) = 0 Hz, SCG0 = 1
0.1
0.5
µA
F11x1A
TA = 25°C
f(ACLK) = 0 Hz, SCG0 = 1
VCC = 2.2 V/3 V
0.1
0.5
F11x1A
TA = 85°C
VCC = 2.2 V/3 V
0.8
1.9
NOTE: All inputs are tied to 0 V or VCC. Outputs do not source or sink any current.
current consumption of active mode versus system frequency, C version, F version
IAM = IAM[1 MHz] × fsystem [MHz]
current consumption of active mode versus supply voltage, C version
IAM = IAM[3 V] + 105 µA/V × (VCC−3 V)
current consumption of active mode versus supply voltage, F version
IAM = IAM[3 V] + 120 µA/V × (VCC−3 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSP430F1122 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430X43X Mixed signal microcontroller 1  2  3  4  5  More Texas Instruments
MSP430F11X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430X15X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C11X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FW42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C13X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1612 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FE42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn