Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B501 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # B501
Description  Analog Addressable Laser Smoke Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

B501 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  B501 Datasheet HTML 1Page - Gamewell-FCI by Honeywell B501 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0525 Rev. G page 2 of 2
www.gamewell-fci.com
Installation
Place the sensor into the sensor base. Turn the sensor
clockwise until the sensor locks into place.
To use the tamper-proof feature, break the smaller tab on
the base as shown in the installation instructions. Install
the sensor. To remove the sensor from the base when
using the tamper-proof feature, insert the blade of a small
screwdriver into the hole on the side of the base and push
the plastic lever away from the detector head. This will
allow the sensor to be rotated counterclockwise for
removal.
NOTE: When you use the tamper-proof feature, remove
the decorative ring before removing the head.
For information on spacing, the location of the sensors and
other guidelines, refer to NFPA72, Chapter 5-3 “Smoke
Sensing Fire Detectors.”
Testing
Sensors may be tested locally in the following ways:
A.
Place a test magnet against the sensor housing per
the instructions. The sensor should go into alarm
within 30 seconds.
B.
Aerosol Generator - The Gemini Model 501 aerosol
generator may be used to perform a Functional Test.
This test should be performed immediately following
the Magnet Test. The Magnet test initiates an approxi-
mately ten minute period when the detector's signal
processing software routines are not active. Failure to
first perform the Magnet Test will introduce a time
delay before the detector alarms. Follow instructions
in the Generator Instruction Manual.
Maintenance
Cleaning programs should be adapted to the individual
environment in conformance with the National Fire Alarm
Code, NFPA, 72. We recommend, at the least, an annual
cleaning of the unit. The sensor screen and cover assem-
bly can be removed, revealing the sensing chamber. A
vacuum cleaner can be used to remove the dust from the
screen, cover and sensing chamber. For the complete pro-
cedure, refer to the Installation and Maintenance Instruc-
tions furnished with each sensor.
Specifications
Sensitivity:
.02 - 2.0%/ft.
Operating Voltage:
15-32 VDC
Standby Current:
.00033 amp @ 24 VDC
Alarm Current (max.): .0065 amp @ 24 VDC
Operating/Installation
Temperature:
32° to 100° F (0° to 38° C)
Operating Humidity:
10% to 93% relative humidity
(non-condensing)
Dimensions:
1.7”
(4.3 cm) height
4.1”
(10.4 cm) installed in the B501
base
6.1”
(15.5 cm) installed in the
B210LP base
Weight:
5 oz. (142 gm.)
Ordering Information
Part Number Description
ASD-LS
LowProfileAnalogLaserSensor
B501
Plug-in sensor base without flange
Dimensions: 4.1”
(10.4 cm) diameter
B210LP
Flanged mounting base
Dimensions: 6.1”
(15.5 cm) diameter
B210LPBP
Flanged mounting base bulk pack
Dimensions: 6.1”
(15.5 cm) diameter
B224RB
Plug-in sensor base with auxiliary relay,
SPDT, rated 2 amps. @ 30 VDC (resistive)
2 coil latching relay 1 Form C Contact UL/
CSA Rating:
0.9 A @ 125 VAC inductive
0.9 A @ 110 VDC inductive
3 A @ 30 VDC resistive
Dimensions: 6.1”
(15.5 cm) diameter
B224BI
Plug-in sensor isolator base for Style 7
operation
Dimensions: 6.1”
(15.5 cm) diameter
B200S
Intelligent sensor sounder base
Dimensions: 6.875”
(17.5 cm) diameter
B200SR
Standard sounder base, UL 864 9th Edition
compliant, ULC Listed
Dimensions: 6.875”
(17.5 cm) diameter
RA-100Z
Remote LED Annunciator
XR2B
Extractor Test


Similar Part No. - B501

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B501 SYSTEMSENSOR-B501 Datasheet
567Kb / 2P
   Low-Profile Intelligent Combination Smoke Detector
B501 SYSTEMSENSOR-B501 Datasheet
492Kb / 2P
   Intelligent Low Profile Plug-in Detectors
logo
Gamewell-FCI by Honeywe...
B501 GAMEWELL-FCI-B501 Datasheet
58Kb / 2P
   Low Profile Analog Laser Sensor
logo
Systemsensor advanced i...
B501 SYSTEMSENSOR-B501 Datasheet
123Kb / 4P
   500 Series Intelligent Sensors with Integral Communications
B501 SYSTEMSENSOR-B501 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
More results

Similar Description - B501

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
   Analog, Addressable Photoelectronic Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
   Analog, addressable photoelectronic smoke sensor
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
ADPF GAMEWELL-FCI-ADPF Datasheet
326Kb / 2P
   Analog addressable low-flow photoelec-tronic non-relay duct smoke sensor
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
XP95-DM GAMEWELL-FCI-XP95-DM Datasheet
150Kb / 2P
   Analog Addressable Discovery Multi-Sensor
SS-F GAMEWELL-FCI-SS-F Datasheet
191Kb / 2P
   Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
SS-L GAMEWELL-FCI-SS-L Datasheet
233Kb / 4P
   Laser Smoke Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com