Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE1618 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. NE1618
Description  Temperature monitor for microprocessor systems
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

NE1618 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product data
NE1618
Temperature monitor for microprocessor systems
2002 Jan 04
4
TYPICAL OPERATING CIRCUIT
SL01237
215
14
12
11
10
6
7
8
SHIELDED
TWISTED PAIR
(NOTE 1)
REMOTE SENSOR
3
4
C1
(NOTE 2)
0.1
µF
VDD
CLOCK
DATA
MICROCONTROLLER
INTERRUPT
R
10 k
NE1618
R
10 k
R
10 k
NOTES:
1. May be required if remote diode is in a noisy environment and/or several feet from the NE1618.
2. May be required in noisy environment. Up to 2200 pF may be used.
Figure 3. Typical operating circuit.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN.
MAX.
UNIT
VDD to GND
–0.3
+6
V
D+, ADD0, ADD1
–0.3
VDD+0.3
V
D– to GND
–0.3
+0.8
V
SCLK, SDATA, ALERT, STBY
–0.3
+6
V
Input current SDATA
–1
+50
mA
D– current
±1
mA
ESD
Human Body Model
2000
V
Machine Model
200
V
Operating temperature range
0
+120
°C
Maximum junction temperature
+150
°C
Storage temperature range
–65
+150
°C
NOTE:
1. This is a stress rating only. Functional operation of the device as indicated in the operational section is not applied to this absolute maximum
rating. Stress above those listed in “Absolute maximum ratings” may cause permanent damage to the device, and exposure to any of these
rating conditions for extended periods may affect device reliability.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn