Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP623 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP623
Description  Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP623 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP623 Datasheet HTML 4Page - ON Semiconductor NCP623 Datasheet HTML 5Page - ON Semiconductor NCP623 Datasheet HTML 6Page - ON Semiconductor NCP623 Datasheet HTML 7Page - ON Semiconductor NCP623 Datasheet HTML 8Page - ON Semiconductor NCP623 Datasheet HTML 9Page - ON Semiconductor NCP623 Datasheet HTML 10Page - ON Semiconductor NCP623 Datasheet HTML 11Page - ON Semiconductor NCP623 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP623
http://onsemi.com
8
−40
2.1
0
7.0
AMBIENT TEMPERATURE (
°C)
Figure 8. Ground Current versus Output Current
OUTPUT CURRENT (mA)
Figure 9. Ground Current versus Ambient
Temperature
Vin = 3.8 V
Vout = 2.8 V
CO = 1.0 mF
Tamb = 25°C
20
40
100
−20
0
20
40
60
80
1.0
0
2.05
2.0
1.95
1.9
1.8
1.85
60
80
120 140
200
160 180
2.0
3.0
4.0
5.0
6.0
Vin = 3.8 V
Vout = 2.8 V
CO = 1.0 mF
Iout = 60 mA
TYPICAL PERFORMANCE CHARACTERISTICS
Ground Current Performances
Figure 10. Quiescent Current versus Temperature
Figure 11. Line Transient Response
Line Transient Response and Output Voltage
dVin = 3.2 V
Y2
Y1
Vin = 3.8 to 7.0 V
Y1 = 1.0 mV/div
Y2 = 1.0 V/div
X = 1.0 ms
Iout = 60 mA
Tamb = 25°C
−40
200
TEMPERATURE (
°C)
−20
110
100
0
20
40
60
100
80
120
130
140
150
160
170
180
190


Similar Part No. - NCP623

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623 ONSEMI-NCP623 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP623DM-28R2G ONSEMI-NCP623DM-28R2G Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623DM-30R2G ONSEMI-NCP623DM-30R2G Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623DM-33R2 ONSEMI-NCP623DM-33R2 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
More results

Similar Description - NCP623

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com