Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WP14P6X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WP14P6X
Description  TinyLogic ULP Dual Inverter with Schmitt Trigger Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WP14P6X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WP14P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WP14P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WP14P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WP14P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WP14P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WP14P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WP14P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7WP14P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7WP14P6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500857
www.fairchildsemi.com
June 2003
Revised March 2004
NC7WP14
TinyLogic
 ULP Dual Inverter
with Schmitt Trigger Inputs
General Description
The NC7WP14 is a dual inverter with Schmitt trigger inputs
from
Fairchild’s
Ultra
Low Power (ULP) Series of
TinyLogic
. Ideal for applications where battery life is criti-
cal, this product is designed for ultra low power consump-
tion within the VCC operating range of 0.9V to 3.6V VCC.
The internal circuit is composed of a minimum of inverter
stages, including the output buffer, to enable ultra low static
and dynamic power.
The NC7WP14, for lower drive requirements, is uniquely
designed for optimized power and speed, and is fabricated
with an advanced CMOS technology to achieve best in
class speed operation while maintaining extremely low
CMOS power dissipation.
Features
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s tPD
4.0 ns typ for 3.0V to 3.6V VCC
5.0 ns typ for 2.3V to 2.7V VCC
6.0 ns typ for 1.65V to 1.95V VCC
7.0 ns typ for 1.40V to 1.60V VCC
11.0 ns typ for 1.10V to 1.30V VCC
27.0 ns typ for 0.90V VCC
s Power-Off high impedance inputs and outputs
s Static Drive (IOH/IOL)
±2.6 mA @ 3.00V V
CC
±2.1 mA @ 2.30V V
CC
±1.5 mA @ 1.65V V
CC
±1.0 mA @ 1.40V V
CC
±0.5 mA @ 1.10V V
CC
±20 µA@ 0.9V V
CC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Ultra small MicroPak
 leadfree package
s Ultra low dynamic power
Ordering Code:
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9)/(Pdevice)/24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
Quiet Series
 and MicroPak are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7WP14P6X
MAA06A
P14
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
NC7WP14L6X
MAC06A
AZ
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7WP14P6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WP14P6X ONSEMI-NC7WP14P6X Datasheet
289Kb / 11P
   TinyLogic ULP Dual Inverter
Revised March 2004
NC7WP14P6X ONSEMI-NC7WP14P6X Datasheet
173Kb / 9P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 - Rev. 2
More results

Similar Description - NC7WP14P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP14 FAIRCHILD-NC7SP14 Datasheet
306Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
NC7SP14 FAIRCHILD-NC7SP14_04 Datasheet
296Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP14 ONSEMI-NC7SP14 Datasheet
390Kb / 11P
   TinyLogic ULP Inverter with Schmitt Trigger Input
Revised March 2004
NC7WV14 ONSEMI-NC7WV14_V01 Datasheet
176Kb / 10P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 -Rev. 2
NC7WP14 ONSEMI-NC7WP14_V01 Datasheet
173Kb / 9P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
NC7WV14 FAIRCHILD-NC7WV14 Datasheet
182Kb / 9P
   TinyLogic ULP-A Dual Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com