Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53S152-K00N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53S152-K00N5
Description  ADAPTOR N 50 PLUG ??C JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53S152-K00N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53S152-K00N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53S152-K00N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR
N 50
 PLUG – C JACK
53S152-K00N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 11 GHz
Return loss
 35 dB, DC to 1 GHz
 28 dB, 1 to 2 GHz
 18 dB, 2 to 4 GHz
Insertion loss
 0.05 dB, DC to 4 GHz
Insulation resistance
 5 x103 M
Center contact resistance
 1 m, N side
 1 m, C side
Outer contact resistance
 0.25 m, N side
 0.25 m, C side
Working voltage
500 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
400 W @ 1 GHz
Mechanical data
N side
C side
Mating cycles
min. 500
min. 500
Coupling nut retention
 450 N
N/A
Center contact captivation: axial
 28 N
 28 N
Coupling test torque
max. 1.7 Nm
N/A
Recommended torque
0.7 Nm to 1.1 Nm
N/A
Environmental data
Temperature range
-55°C to +155°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. B
Shock
MIL-STD-202, Meth. 213, Cond. I
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
39.9 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
08/06/04
J_Gramsamer
20.04.15
E00
15-0397
J_Krautenb.
20.04.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 53S152-K00N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53S151-K00N5 ROSENBERGER-53S151-K00N5 Datasheet
43Kb / 2P
   ADAPTOR
53S156-K00N5 ROSENBERGER-53S156-K00N5 Datasheet
44Kb / 2P
   ADAPTOR
53S15R-001N3 ROSENBERGER-53S15R-001N3 Datasheet
528Kb / 2P
   Termination
53S15R-005N3 ROSENBERGER-53S15R-005N3 Datasheet
71Kb / 2P
   Termination
53S15R-010N3 ROSENBERGER-53S15R-010N3 Datasheet
71Kb / 2P
   Termination
More results

Similar Description - 53S152-K00N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
51S153-K00N5 ROSENBERGER-51S153-K00N5 Datasheet
44Kb / 2P
   ADAPTOR BNC 50 plug ??N 50 jack
53QK153-S00N5 ROSENBERGER-53QK153-S00N5 Datasheet
65Kb / 2P
   Adaptor SnapN 50 Jack ??N 50 Plug
53QS153-K00N5 ROSENBERGER-53QS153-K00N5 Datasheet
65Kb / 2P
   adaptor SnapN 50 PLUG ??N 50 jack
153QS153-K00N5 ROSENBERGER-153QS153-K00N5 Datasheet
63Kb / 2P
   ADAPTOR QN PLUG ??N 50 JACK
153QK153-S00N5 ROSENBERGER-153QK153-S00N5 Datasheet
72Kb / 2P
   ADAPTOR QN JACK ??N 50 PLUG
51S301-K00N5 ROSENBERGER-51S301-K00N5 Datasheet
52Kb / 2P
   ADAPTOR BNC 50 jack ??plug - jack
51S303-K00N5 ROSENBERGER-51S303-K00N5 Datasheet
42Kb / 2P
   adaptor BNC 50 plug ??jack - jack
53K151-K00N5 ROSENBERGER-53K151-K00N5 Datasheet
62Kb / 2P
   ADAPTOR N 50 ??JACK ??BNC JACK
153QK153-K00N5 ROSENBERGER-153QK153-K00N5 Datasheet
69Kb / 2P
   ADAPTOR QN JACK ??N 50 JACK
56S151-K00N5 ROSENBERGER-56S151-K00N5 Datasheet
145Kb / 2P
   ADAPTOR TNC 50 Plug - BNC 50 Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com