Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6419 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SG-BGA-6419
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6419 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SG-BGA-6419 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6419 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6419 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6419 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6
13
5
14
12
9
7
10
3
8
11
2
1
4
65.000
6.400
2.200
60.000
R1.590
BACKING AND INSULATION PLATE
1.590
6.350
ITEM NO.
Description
Material
1
PCB 46x46array 1mm pitch
FR4
2
Insulation Plate 55mm
FR4 High temp
3
Ball Guide 46x46array 1mm pitch
Kapton Polyimide/Cirlex
4
Elastomer Guide 55mm IC
Ultem 1000
5
BGA device 52.5x52.5mm,
46x46array 1mm pitch
FR4 Standard
6
Swivel Socket Base 52.5x52.5mm
IC 7mm ht
7075-T6 Aluminum Alloy
7
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
8
0.75mm thick 0.1mm pitch 63 deg
angled elastomer
SG Elastomer
9
#0-80 Shoulder Screw, 0.090"
thread length
Stainless Steel (303)
10
Screw, M2x0.4 x 16mm, Cap, SS
Stainless Steel (18-8)
11
Backing Plate 55mm IC
7075-T6 Aluminum Alloy
12
Socket Lid for 55mm IC
7075-T6 Aluminum Alloy
13
Compression Plate for 55mm IC
7075-T6 Aluminum Alloy
14
Compression Screw, M30
7075-T6 Aluminum Alloy
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, Insulation Plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 03/20/2015
Material: N/A
Finish: N/A
Weight: 240.74
SG-BGA-6419 Drawing
SCALE: 3:2
SHEET: 4 OF 4
ENG: R. Patil
FILE: SG-BGA-6419 Dwg
DRAWN BY: M. Raske


Similar Part No. - SG-BGA-6419

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6410 IRONWOOD-SG-BGA-6410 Datasheet
655Kb / 8P
   Ball guide prevents over compression of elastomer
SG-BGA-6411 IRONWOOD-SG-BGA-6411 Datasheet
368Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6412 IRONWOOD-SG-BGA-6412 Datasheet
444Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6413 IRONWOOD-SG-BGA-6413 Datasheet
665Kb / 6P
   Easily removable swivel socket lid
SG-BGA-6414 IRONWOOD-SG-BGA-6414 Datasheet
514Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6419

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com