Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F1101A Datasheet(PDF) 3 Page - Texas Instruments

Part No. MSP430F1101A
Description  MIXED SIGNAL MICROCONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1101A Datasheet(HTML) 3 Page - Texas Instruments

  MSP430F1101A Datasheet HTML 1Page - Texas Instruments MSP430F1101A Datasheet HTML 2Page - Texas Instruments MSP430F1101A Datasheet HTML 3Page - Texas Instruments MSP430F1101A Datasheet HTML 4Page - Texas Instruments MSP430F1101A Datasheet HTML 5Page - Texas Instruments MSP430F1101A Datasheet HTML 6Page - Texas Instruments MSP430F1101A Datasheet HTML 7Page - Texas Instruments MSP430F1101A Datasheet HTML 8Page - Texas Instruments MSP430F1101A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
DW, PW, or DGV
RGE
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
P1.0/TACLK
13
13
I/O
General-purpose digital I/O pin/Timer_A, clock signal TACLK input
P1.1/TA0
14
14
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0A input,
compare: Out0 output/BSL transmit
P1.2/TA1
15
15
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI1A input,
compare: Out1 output
P1.3/TA2
16
16
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI2A input,
compare: Out2 output
P1.4/SMCLK/TCK
17
17
I/O
General-purpose digital I/O pin/SMCLK signal output/test clock, input
terminal for device programming and test
P1.5/TA0/TMS
18
18
I/O
General-purpose digital I/O pin/Timer_A, compare: Out0 output/test
mode select, input terminal for device programming and test
P1.6/TA1/TDI/TCLK
19
20
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output/test
data input or test clock input
P1.7/TA2/TDO/TDI†
20
21
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output/test
data output terminal or data input during programming
P2.0/ACLK
8
6
I/O
General-purpose digital I/O pin/ACLK output
P2.1/INCLK
9
7
I/O
General-purpose digital I/O pin/Timer_A, clock signal at INCLK
P2.2/CAOUT/TA0
10
8
I/O
General-purpose digital I/O pin/Timer_A, capture: CCI0B input/
comparator_A, output/BSL receive
P2.3/CA0/TA1
11
10
I/O
General-purpose digital I/O pin/Timer_A, compare: Out1 output/
comparator_A, input
P2.4/CA1/TA2
12
11
I/O
General-purpose digital I/O pin/Timer_A, compare: Out2 output/
comparator_A, input
P2.5/ROSC
3
24
I/O
General-purpose digital I/O pin/input for external resistor that defines
the DCO nominal frequency
RST/NMI
7
5
I
Reset or nonmaskable interrupt input
TEST
1
22
I
Selects test mode for JTAG pins on Port1. The device protection fuse
is connected to TEST.
VCC
2
23
Supply voltage
VSS
4
2
Ground reference
XIN
6
4
I
Input terminal of crystal oscillator
XOUT
5
3
O
Output terminal of crystal oscillator
QFN Pad
NA
Package Pad
NA
QFN package pad connection to VSS recommended.
† TDO or TDI is selected via JTAG instruction.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSP430F1122 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430X43X Mixed signal microcontroller 1  2  3  4  5  More Texas Instruments
MSP430F11X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430X15X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C11X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FW42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C13X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1612 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FE42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn