Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6398 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-6398
Description  Ball guide prevents over compression of elastomer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6398 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-6398 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6398 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6398 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6398 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-6398 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
12.3225
9.7825
14.8625 (X8)
0.80 typ.
24.80
29.725 (x4)
33.475 (x4)
Backing plate outline
32.225±0.125 (x4)
Socket base outline
0.45 Pad
1.70±0.05 (x8) THRU ALL
0.85±0.025 (x2) THRU ALL
2.8375 *
2.4625
1.25±0.125 (x4)
1.25±0.125 (x4)
Pin A1 Orientation
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish.
PCB Pad height: Same or higher
than solder mask.
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SG BGA socket for 27mm 0.8mm pitch 32x32 array BGA package
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12-12-2013
Material: N/A
Finish: N/A
Weight: 47.55
SG-BGA-6398 Drawing
SCALE: 3.5:1
SHEET: 2 OF 5
ENG: S. Faiz
FILE: SG-BGA-6398 Dwg
DRAWN BY: M. Raske


Similar Part No. - SG-BGA-6398

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6390 IRONWOOD-SG-BGA-6390 Datasheet
413Kb / 5P
   Compression plate distributes forces evenly
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6392 IRONWOOD-SG-BGA-6392 Datasheet
305Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6393 IRONWOOD-SG-BGA-6393 Datasheet
576Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6394 IRONWOOD-SG-BGA-6394 Datasheet
256Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6398

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com